전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4619-1UR-1 데이터시트(PDF) 1 Page - Sensitron

부품명 1N4619-1UR-1
상세설명  Zener 1.5W DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSITRON [Sensitron]
홈페이지  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N4619-1UR-1 데이터시트(HTML) 1 Page - Sensitron

  1N4619-1UR-1 Datasheet HTML 1Page - Sensitron 1N4619-1UR-1 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2009 Sensitron Semiconductor
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 •
PHONE (631) 586-7600
• FAX (631) 242-9798 • www.sensitron.com • sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5124, Rev A
Zener 1.5W DIODE
Zener voltage available from 1.8V to 6.2V
Sharp Zener knee
Metallurgically bonded
Dimensions in inches (mm)
Nominal
Zener
Voltage
Vz Test
Current
Reverse
Leakage
Max
Zener
Impedance
Max
Zener
Current
Max
Reverse
Leakage
Current
Vz
Nominal
Iz
Ir @150C
Zzt
Izsm
Ir
Vr
Type
Number
Volts
μA
μA dc
ohms
mA
μA
dc
Volts
1N4614-1/UR -1
1N4615-1/UR -1
1N4616-1/UR -1
1N4617-1/UR -1
1N4618-1/UR -1
1N4619-1/UR -1
1N4620-1/UR -1
1N4621-1/UR -1
1N4622-1/UR -1
1N4623-1/UR -1
1N4624-1/UR -1
1N4625-1/UR -1
1N4626-1/UR -1
1N4627-1/UR -1
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
250
250
250
250
250
250
250
250
250
250
250
250
250
250
10.0
8.0
6.0
4.0
2.0
1.0
7.0
10.0
5.0
4.0
10.0
10.0
10.0
10.0
1200
1250
1300
1400
1500
1600
1650
1700
1650
1600
1550
1500
1400
1200
1600
1500
1350
1250
1100
1025
950
875
825
800
750
725
700
650
3.5
2.5
2.0
1.0
0.5
0.4
3.5
3.5
2.5
2.0
5.0
5.0
5.0
5.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
2.0
2.0
2.0
3.0
3.0
4.0
5.0
1N4614-1/UR-1 to 1N4627-1/UR-1
SJ
SV
SX


유사한 부품 번호 - 1N4619-1UR-1

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4619-1 CDI-DIODE-1N4619-1 Datasheet
112Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4619-1 MICROSEMI-1N4619-1 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
More results

유사한 설명 - 1N4619-1UR-1

제조업체부품명데이터시트상세설명
logo
Sensitron
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
SS4614-1 SENSITRON-SS4614-1 Datasheet
73Kb / 2P
   Zener 1.5W DIODE
1N4106-1 SENSITRON-1N4106-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
1N4478 SENSITRON-1N4478 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com