전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4629 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LA4629
상세설명  Two-Channel Audio Frequency Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4629 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LA4629 Datasheet HTML 1Page - Sanyo Semicon Device LA4629 Datasheet HTML 2Page - Sanyo Semicon Device LA4629 Datasheet HTML 3Page - Sanyo Semicon Device LA4629 Datasheet HTML 4Page - Sanyo Semicon Device LA4629 Datasheet HTML 5Page - Sanyo Semicon Device LA4629 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LA4629
No.6502-5/6
VCC -- PO
Supply voltage, VCC -- V
ILA00082
10
8
6
4
2
0
67
10
8
9
11
12
13
16
14
15
17
18
f = 1 kHz
Rg = 600
RL = 3/4/8 Ω
THD = 10 %
THD -- f
Frequency, f -- Hz
ILA00084
0.01
0.1
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
10
23
5 7 100 23
5 7 1k
23
5 7 10k 23
5 7100k
Frequency, f -- Hz
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
100k
0.01
1.0
7
5
3
2
0.1
7
5
3
2
10
7
5
3
2
100
7
5
3
2
0.1
23
5
7
1.0
23
5
7
10
VCC = 12 V
RL = 3 Ω
PO = 1 W
VCC = 12 V
RL = 3 Ω
Rg = 0
CHsep -- f
ILA00086
0
--20
--10
--30
--40
--50
--60
--70
--80
--90
VCC = 9/12 V
RL = 3 Ω
Rg = 0
VO = 0 dBm
DIN AUDIO
Ripple frequency, fR -- Hz
10
23
5
7 100
23
5
7 1k
23
5
7 10k
SVRR -- fR
0
--20
--10
--30
--40
--50
--60
--70
VCC = 9 V
RL = 3 Ω
Rg = 0
VCCR = 0 dBm
DIN AUDIO
VCC -- ICCO
Supply voltage, VCC -- V
ILA00083
100
80
60
40
20
0
08
412
20
16
24
RL = Open
Rg = 0
THD -- PO
Output power, PO -- W
ILA00085
ILA00087
R L
= 3
R L
= 4
R L
= 8
10 kHz
100 Hz
1 kHz
CH2¨1: 9 V
CH2¨1: 12 V
CH1¨
2: 9 V
OUT2
OUT1
CH1¨2: 12 V
Supply voltage, VCC -- V
Frequency, f -- Hz
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
100k
2
0
--2
--4
--6
--8
--10
VCC = 12 V
RL = 3 Ω
Rg = 600
VO = 0 dBm at 1 kHz
Input capacitor = 1
µF
f -- Response
ILA00088
ILA00089
15
10
20
525
SVRR -- VCC
0
--20
--10
--30
--40
--50
--60
--70
Rg = 0
fR = 100 Hz
VCCR = 0 dBm
DIN AUDIO
OUT2
OUT1


유사한 부품 번호 - LA4629

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
More results

유사한 설명 - LA4629

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4627 SANYO-LA4627 Datasheet
64Kb / 6P
   Two-Channel Audio Frequency Power Amplifier
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
STK412-170 SANYO-STK412-170 Datasheet
62Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com