전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4802T 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LA4802T
상세설명  Headphone Stereo Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4802T 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LA4802T Datasheet HTML 2Page - Sanyo Semicon Device LA4802T Datasheet HTML 3Page - Sanyo Semicon Device LA4802T Datasheet HTML 4Page - Sanyo Semicon Device LA4802T Datasheet HTML 5Page - Sanyo Semicon Device LA4802T Datasheet HTML 6Page - Sanyo Semicon Device LA4802T Datasheet HTML 7Page - Sanyo Semicon Device LA4802T Datasheet HTML 8Page - Sanyo Semicon Device LA4802T Datasheet HTML 9Page - Sanyo Semicon Device LA4802T Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
No. 6657-7/10
LA4802T
Pin Descriptions
Pin No.
Pin name
Pin
Pin description
Equivalent circuit
voltage (V)
• IC on/off switch
• 0 to 0.5 V: IC off
• 1.4 to 4.5 V: IC on
1
POWER SW
A13730
20k
1
Continued on next page.
• Power input
2
5
POWER IN
1.21
A13731
1k
10k
2
5
• Bass compensation circuit on/off switch
• 0 to 0.5 V: Boost on
• 1.4 to 4.5 V: Boost off
4
BOOST SW
A13732
300
4
• Connection for the mute switch on/off
impulse noise reduction capacitor
6
MUTE C
1.27
A13733
10k
300
6
3
PRE GND
• VREF amplifier reference
7
8
VREF OUT
1.21
A13734
10k
7
8


유사한 부품 번호 - LA4802T

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4801 SANYO-LA4801 Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4805 SANYO-LA4805 Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
More results

유사한 설명 - LA4802T

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com