전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS5550US 데이터시트(PDF) 1 Page - Sensitron

부품명 SS5550US
상세설명  HIGH CURRENT AXIAL LEAD RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSITRON [Sensitron]
홈페이지  http://www.sensitron.com
Logo SENSITRON - Sensitron

SS5550US 데이터시트(HTML) 1 Page - Sensitron

  SS5550US Datasheet HTML 1Page - Sensitron SS5550US Datasheet HTML 2Page - Sensitron SS5550US Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX (631) 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
_____
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5108, REV -
HIGH CURRENT AXIAL LEAD RECTIFIERS
DESCRIPTION: 200-1000 VOLT, 3.0 AMP, 2000 NANOSECOND RECTIFIER
-Suffix “US” denotes melf/surface mount packaging
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage
(PIV)
1N5550
1N5551
1N5552
1N5553
1N5554
-
-
-
200
400
600
800
1000
Vdc
Average DC Output
Current (Io)
TA = +55
oC
-
-
3.0
Amps
Peak Single Cycle Surge
Current (Ifsm)
tp = 8.3 ms Single
Half Cycle Sine
Wave,
Superimposed On
Rated Load
-
-
100
Amps(pk)
Operating and Storage
Temp. (Top & Tstg)
-
-65
-
+175
°C
Maximum Forward
Voltage (Vf)
1N5550
1N5551
1N5552
1N5553
1N5554
If = 9.0A (300 μsec
pulse, duty cycle <
2%)
-
-
1.2
1.2
1.2
1.3
1.3
Volts
Maximum Instantaneous
Reverse Current At Rated
(PIV)
TA = 25° C
TA = 100° C
-
-
1.0
60
μAmps
Reverse Recovery Time
(trr)
If = 0.5A, Ir = 1.0A, Irr
= 0.25A
-
-
2000
nsec
Thermal Resistance (
θ
JL)
Junction to Lead
d = 0.375”
22
°C/W
Thermal Resistance (
θ
JEC)
Junction to Endcap
-
-
6.5
° C/W
SS5550/US
SS5551/US
SS5552/US
SS5553/US
SS5554/US


유사한 부품 번호 - SS5550US

제조업체부품명데이터시트상세설명
logo
Jinan Jingheng (Group) ...
SS55 JINANJINGHENG-SS55 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SS55 LUGUANG-SS55 Datasheet
397Kb / 2P
   5.0 AMP. Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SS55 JUXING-SS55 Datasheet
534Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Yangzhou yangjie electr...
SS55 YANGJIE-SS55 Datasheet
512Kb / 2P
   Schottky Rectifier
SS55 YANGJIE-SS55 Datasheet
156Kb / 2P
   Schottky Rectifier
More results

유사한 설명 - SS5550US

제조업체부품명데이터시트상세설명
logo
Sensitron
1N5418 SENSITRON-1N5418 Datasheet
205Kb / 2P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
1N5550 SENSITRON-1N5550_08 Datasheet
50Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5418 SENSITRON-SS5418 Datasheet
73Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
1N5415 SENSITRON-1N5415 Datasheet
41Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
1N5807 SENSITRON-1N5807 Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com