전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6518M 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA6518M
상세설명  2-Channel Power Operational Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6518M 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA6518M Datasheet HTML 1Page - Sanyo Semicon Device LA6518M Datasheet HTML 2Page - Sanyo Semicon Device LA6518M Datasheet HTML 3Page - Sanyo Semicon Device LA6518M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-Channel Power Operational Amplifier
Applications
The LA6518M is a 2-output power operational amplifier
developed for use in consumer and industrial equipment.
Features and Functions
.
High output current (IO max = 0.5 A)
.
High gain
.
Includes current limiter
.
Wide operating voltage range (
±2to ±18 V)
.
Single power supply operation possible (4 to 36 V)
.
Thermal shutdown function built in
Package Dimensions
unit : mm
3097-MFP16FS
[LA6518M]
SANYO : MFP16FS
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC/VEE
±18
V
Differential input voltage
VID
30
V
Common-mode input voltage
VIN
±15
V
Allowable power dissipation
Pd max
0.7
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Pd max — Ta
Ambient temperature, Ta — °C
Independent IC
Ordering number: EN 5162
Monolithic Linear IC
LA6518M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
92995HA(II) No.5162-1/4


유사한 부품 번호 - LA6518M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6518M SANYO-LA6518M Datasheet
120Kb / 5P
   2-Output Power Operational Amplifier
More results

유사한 설명 - LA6518M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6517 SANYO-LA6517 Datasheet
120Kb / 5P
   2-Output Power Operational Amplifier
logo
ON Semiconductor
LA4814JA ONSEMI-LA4814JA Datasheet
408Kb / 16P
   2-Channel Power Amplifier
May, 2013
logo
Samsung semiconductor
KA2206BN SAMSUNG-KA2206BN Datasheet
81Kb / 5P
   2-CHANNEL POWER AMPLIFIER
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com