전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6524 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA6524
상세설명  4-output Power Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6524 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA6524 Datasheet HTML 1Page - Sanyo Semicon Device LA6524 Datasheet HTML 2Page - Sanyo Semicon Device LA6524 Datasheet HTML 3Page - Sanyo Semicon Device LA6524 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Test Circuit
When V
O RL =33 Ω ,
When I
SC RL =8 Ω
Oscilloscope
short wave
Al heat sink
Tightening torque: 4 kg.cm
Coated with silicone grease
Storage temperature, Ta - °C
Al heat sink, t = 1.5 mm
Area of heat sink, Sf -cm
2
LA6524
No.4981-3/4


유사한 부품 번호 - LA6524

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
   3-Output Power Operational Amplifier
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
   3-Output Power Operational Amplifier
LA6525M SANYO-LA6525M Datasheet
113Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
More results

유사한 설명 - LA6524

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS1112 ONSEMI-CS1112 Datasheet
93Kb / 12P
   Quad Power Output Driver
October, 2000 ??Rev. 10
logo
Fairchild Semiconductor
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
logo
NTE Electronics
NTE102 NTE-NTE102 Datasheet
24Kb / 2P
   Germanium Complementary Transistors Power Output, Driver
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
   Isolated Precision Half-Bridge Driver, 4 A Output
logo
List of Unclassifed Man...
AT5801 ETC1-AT5801 Datasheet
276Kb / 12P
   4-Channel driver Power Controller
logo
Monolithic Power System...
EV1541DJ-00A MPS-EV1541DJ-00A Datasheet
272Kb / 5P
   4 Output DSL Power Supply
logo
Sanyo Semicon Device
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com