전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G00W5-7 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 74LVC1G00W5-7
상세설명  SINGLE 2 INPUT POSITIVE NAND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G00W5-7 데이터시트(HTML) 5 Page - Diodes Incorporated

  74LVC1G00W5-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVC1G00
SINGLE 2 INPUT POSITIVE NAND GATE
74LVC1G00
Document number: DS32196 Rev. 2 - 2
5 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Electrical Characteristics (All typical values are at Vcc = 3.3V, TA = 25°C)
Over recommended free-air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Vcc
Min
Typ.
Max
Unit
VOH
High Level Output
Voltage
IOH = -100μA
1.65 V to 5.5V
VCC – 0.1
V
IOH = -4mA
1.65 V
1.2
IOH = -8mA
2.3V
1.9
IOH = -16mA
3 V
2.4
IOH = -24mA
2.3
IOH = -32mA
4.5 V
3.8
VOL
High-level Input Voltage
IOL = 100μA
1.65 V to 5.5V
0.1
V
IOL = 4mA
1.65 V
0.45
IOL = 8mA
2.3 V
0.3
IOL = 16mA
3 V
0.4
IOL = 24mA
0.55
IOL = 32mA
4.5 V
0.55
II
Input Current
VI = 5.5 V or GND
0 to 5.5 V
± 5
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0
± 10
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65 V to 5.5V
10
μA
ΔICC
Additional Supply
Current
One input at VCC
0.6 V Other inputs
at VCC or GND
3 V to 5.5V
500
μA
Ci
Input Capacitance
Vi = VCC – or GND
3.3
3.5
pF
θJA
Thermal Resistance
Junction-to-Ambient
SOT25
(Note 5)
204
oC/W
SOT353
(Note 5)
371
oC/W
DFN1410
(Note 5)
430
oC/W
θJC
Thermal Resistance
Junction-to-Case
SOT25
(Note 5)
52
oC/W
SOT353
(Note 5)
143
oC/W
DFN1410
(Note 5)
190
oC/W
Notes:
5. Test condition for SOT25, SOT353, and DFN1410: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.


유사한 부품 번호 - 74LVC1G00W5-7

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC1G00W5-7 DIODES-74LVC1G00W5-7 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 1 - 2
More results

유사한 설명 - 74LVC1G00W5-7

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com