전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7437A 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LA7437A
상세설명  Video Signal Processing IC for VHS VCR Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7437A 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LA7437A Datasheet HTML 1Page - Sanyo Semicon Device LA7437A Datasheet HTML 2Page - Sanyo Semicon Device LA7437A Datasheet HTML 3Page - Sanyo Semicon Device LA7437A Datasheet HTML 4Page - Sanyo Semicon Device LA7437A Datasheet HTML 5Page - Sanyo Semicon Device LA7437A Datasheet HTML 6Page - Sanyo Semicon Device LA7437A Datasheet HTML 7Page - Sanyo Semicon Device LA7437A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
No. 5473-5/8
LA7437, 7437A
LA7437A Control Pin Table
Note: Do not allow pin 3 to fall under 1.5 V. (The chip will enter test mode.)
Function Control in each of the LA7437A Operating Modes
Note: 1. K1 is the YNR coefficient, K2 is the LNC coefficient
2. Use the 1/2 fH carrier shift entries in parentheses when pin 23 is high.
3. The detail enhancer is off when pin 18 is at the middle level.
Pin No.
Control function
L
M
H
9
R/P
Edit
3.8 VDC or more
40
R/P
YNR (AVNS)-CTL
1.0 VDC to less
1.5 to 2.5 VDC
3.5 VDC or more
YNR-off
YNR-CTL
YNR (strong)
R
******
3.9 VDC or more
11
P
N, C, CTL
1.5 VDC or less
2.0 to 3.0 VDC
N, C-off
N, C-CTL
17
R/P
C-rotary
0 to 1.9 VDC
2.3 VDC or more
Low CH
High CH
19
P
QV/QH CHARA. INS
0.8 VDC or less
1.2 to 2.2 VDC
2.6 to 3.3 VDC
3.7 VDC or more
Through
CHARA insert
Pedestal insert
QV insert
25
R/P
EP/LP/SP
1.2 VDC or less
2.0 to 2.7 VDC
3.9 VDC or more
SP
LP
EP
28
R
SP carrier shift stop
3.0 VDC or more
SP carrier shift stop
27
P
NAP
1.2 VDC or less
2.0 to 2.7 VDC
3.3 VDC or more
Through
Balanced-mod output
NAP-on
30
R/P
NT/MESEC/PAL
1.2 VDC or less
2.0 to 2.7 VDC
3.9 VDC or more
PAL
MESEC
NTSC
33
P
Trick
3.9 VDC or more
2
P
DOC-off
4.1 VDC or more
6
R/P
PB-H
4.0 VDC or more
YNR
Detail enhancer
NC
1/2 fH
Edit
Pin 40 control
Pin 11 control
Pin 11 control
PIC-CTL
carrier
shift
L
M
H
L
M
H
L
M
H
On
Off
Off
Off
Off
Variable
Center
q
q
SP
(!)
Off
Off
Off
Off
Off
Variable
Center
q
q
REC
(!)
On
Off
K1 = 0.2 K1 = 0.2
Off
Variable
Center
q
q
LP
K2 = 0.0 K2 = 0.0
EP
Off
Off
K1 = 0.5 K1 = 0.5
Off
Variable
Center
q
q
K2 = 0.0 K2 = 0.0
On
K1 = 0.0 K1 = 0.0 K1 = 0.5
Off
Variable
Center
Center
SP
K2 = 0.0 K2 = 0.0 K2 = 0.0
Off
K1 = 0.0 K1 = 0.2 K1 = 0.5
Off
Variable
Center
q
q
PB
K2 = 0.0 K2 = 0.0 K2 = 0.0
On
K1 = 0.0 K1 = 0.2 K1 = 0.5
Off
Variable
Center
Center
LP
K2 = 0.5 K2 = 0.5 K2 = 0.5
EP
Off
K1 = 0.0 K1 = 0.2 K1 = 0.5
Off
Variable
Center
q
q
K2 = 0.5 K2 = 0.5 K2 = 0.5


유사한 부품 번호 - LA7437A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
204Kb / 16P
   Audio Interface for DSC
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
   Audio Interface for DSC
More results

유사한 설명 - LA7437A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7440 SANYO-LA7440 Datasheet
404Kb / 14P
   Video Signal Processing IC for VHS VCR Systems?
LA7449 SANYO-LA7449 Datasheet
398Kb / 14P
   Video Signal Processing IC for VHS VCR Systems?
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
LA7425 SANYO-LA7425 Datasheet
225Kb / 7P
   NTSC Format Single-Chip Processing IC for VHS VCR Products
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
   Global VHS-format VCR Video Signal Processor
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
logo
Toshiba Semiconductor
TC90175XBG TOSHIBA-TC90175XBG Datasheet
407Kb / 8P
   Video signal processing IC
2018-07-02 Rev.1.00
logo
Sanyo Semicon Device
LA75691 SANYO-LA75691 Datasheet
267Kb / 13P
   IF Signal-Processing IC for PAL/NTSC Multichannel Audio TV and VCR Systems
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Toshiba Semiconductor
TC90193ASBG TOSHIBA-TC90193ASBG Datasheet
610Kb / 23P
   Video signal processing IC for small LCD
2017-03-24 Rev.1.00
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com