전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMEN-230A 데이터시트(PDF) 3 Page - Sanken electric

부품명 FMEN-230A
상세설명  High Voltage Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMEN-230A 데이터시트(HTML) 3 Page - Sanken electric

  FMEN-230A Datasheet HTML 1Page - Sanken electric FMEN-230A Datasheet HTML 2Page - Sanken electric FMEN-230A Datasheet HTML 3Page - Sanken electric FMEN-230A Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.sanken-ele.co.jp
FMEN-230A
Mar. 2008
High Voltage Schottky Barrier Rectifier
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 3
SANKEN ELECTRIC
Characteristics
Reverse Voltage VR (V)
Forward Power Dissipation
Average Forward Current IF(AV) (A)
Reverse Power Dissipation
Current Derating
Case temperature Tc (°C)
VR=150V
0
5
10
15
20
25
30
35
0
102030
Tj=150℃
t
T
t/T=1/6
t/T=1/2
t/T=1/3,sinewave
DC
0
5
10
15
20
25
0
20
40
60
80
100
Tj=150℃
t
T
1-t/T=5/6
sinewave
1-t/T=2/3
1-t/T=1/2
0
10
20
30
0
50
100
150
Tj=150℃
t
T
t/T=1/6
t/T=1/2
DC
t/T=1/3
sinewave


유사한 부품 번호 - FMEN-230A

제조업체부품명데이터시트상세설명
logo
Sanken electric
FMEN-230A SANKEN-FMEN-230A Datasheet
206Kb / 4P
   High Voltage Schottky Barrier Rectifier
More results

유사한 설명 - FMEN-230A

제조업체부품명데이터시트상세설명
logo
Sanken electric
FMEN-230A SANKEN-FMEN-230A Datasheet
206Kb / 4P
   High Voltage Schottky Barrier Rectifier
logo
Inchange Semiconductor ...
VF20150S-E3 ISC-VF20150S-E3 Datasheet
303Kb / 2P
   High Voltage Barrier Schottky Rectifier
logo
Diodes Incorporated
PDS5100H DIODES-PDS5100H_10 Datasheet
99Kb / 5P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30471 Rev. 20 - 2
PDS4150 DIODES-PDS4150_10 Datasheet
98Kb / 5P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30473 Rev. 12 - 2
PDS5100 DIODES-PDS5100_10 Datasheet
101Kb / 5P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30483 Rev. 10 - 2
DFLS1200 DIODES-DFLS1200_08 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B1100B-13 DIODES-B1100B-13 Datasheet
101Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B370-13 DIODES-B370-13 Datasheet
114Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B2100-13 DIODES-B2100-13 Datasheet
110Kb / 4P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
MBRM5100-13-F DIODES-MBRM5100-13-F Datasheet
105Kb / 3P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com