전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7832 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA7832
상세설명  Color TV Vertical Deflection Output Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7832 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA7832 Datasheet HTML 1Page - Sanyo Semicon Device LA7832 Datasheet HTML 2Page - Sanyo Semicon Device LA7832 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Color TV Vertical Deflection Output Circuit
Overview
The LA7832 is a monolithic linear IC for vertical deflection
output for small and mid-sized color television sets that
requires few external components and dissipates little power.
When used in conjunction with the LA7620 series of video
chroma deflection ICs, the LA7800 series of deflection ICs,
and the LA7850 series of display ICs, it is possible to create a
stable and compact vertical output deflection circuit.
Features
.
High output.
.
Low power dissipation due to built-in pump-up circuit.
.
Few external components needed.
.
Thermal protection circuit built in.
Package Dimensions
unit : mm
3075-SIP7H
[LA7832]
SANYO : SIP7H
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
V6 max
(Pump-up block)
30
V
V3 max
(Output block)
62
V
Deflection output current
I2 max
±1.5
Ap-o
Allowable power dissipation
Pd max
With arbitrarily large heat sink
8
W
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
Thermal resistance
θj-c
4
°C/W
Operating Conditions at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
V6
24
V
Operating supply voltage range
V6
10 to 27
V
Deflection output current
I2p-p
to 1.8
Ap-p
Operating Characteristics at Ta=25 °C, V6 =24 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Deflection output saturation voltage (lower)
V(sat)2-1
I2 = +0.9 A
1.2
V
Deflection output saturation voltage (upper)
V(sat)3-2
I2 = –0.9 A
3.2
V
Pump-up charge saturation voltage
V(sat)7-1
I7 = +20 mA
1.8
V
Pump-up discharge saturation voltage
V(sat)6-7
I7 = –0.9 A
3.0
V
Idling current
IDL
30
60
mA
Midpoint voltage
VMID
9.5
10.5
11.5
V
Ordering number: EN 5145
Monolithic Linear IC
LA7832
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
52995HA(II) No.5145-1/3


유사한 부품 번호 - LA7832

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7830 SANYO-LA7830 Datasheet
422Kb / 2P
   Color TV Vertical Deflection Output Circuit
LA7831 SANYO-LA7831 Datasheet
78Kb / 2P
   LA7831
LA7833 SANYO-LA7833 Datasheet
61Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7835 SANYO-LA7835 Datasheet
80Kb / 5P
   Vertical Deflection Output Circuit with Driver for Color TV Use
LA7836 SANYO-LA7836 Datasheet
79Kb / 5P
   Vertical Deflection Output Circuit with Driver for TV Sets and Monitors
More results

유사한 설명 - LA7832

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7833 SANYO-LA7833 Datasheet
61Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7830 SANYO-LA7830 Datasheet
422Kb / 2P
   Color TV Vertical Deflection Output Circuit
logo
NTE Electronics
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE1773 NTE-NTE1773 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
logo
List of Unclassifed Man...
2SD402 ETC-2SD402 Datasheet
42Kb / 1P
   Color TV Vertical Deflection Output
logo
Fairchild Semiconductor
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
logo
List of Unclassifed Man...
2SD1587 ETC-2SD1587 Datasheet
30Kb / 1P
   Color TV Vertical Deflection Output
logo
Fairchild Semiconductor
KSA1013YBU FAIRCHILD-KSA1013YBU Datasheet
60Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
logo
NTE Electronics
NTE7056 NTE-NTE7056 Datasheet
72Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit for Color TV
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com