전자부품 데이터시트 검색엔진 |
|
LA7835 데이터시트(PDF) 4 Page - Sanyo Semicon Device |
|
LA7835 데이터시트(HTML) 4 Page - Sanyo Semicon Device |
4 / 5 page LA7835 No.2863–4/5 Proper Cares in Using the LA7835 Note 1) If horizontal components are mixed into pin 1, causing the interlace characteristic to worsen, provide decoupling as shown above. The resistor value and capacitor value are shown as an example. 2) If oscillation occurs, connect the OSC blocking circuit as shown above. However, if the deflection current increases, oscillation may not be blocked completely. In this case, change the application circuit as shown below. 3) In some applications, the OSC blocking capacitor across pins 9 and 11 is connected across pin 9 and GND. 4) The threshold voltage on pin 2 is +VCC11/4. Set the input trigger level so that it intersects this threshold level. The LA7835 operates on the negative transition of the trigger pulse. 5) Connect the radiator fin to GND. |
유사한 부품 번호 - LA7835 |
|
유사한 설명 - LA7835 |