전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7852 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA7852
상세설명  CRT Display Synchronization Deflection Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7852 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA7852 Datasheet HTML 1Page - Sanyo Semicon Device LA7852 Datasheet HTML 2Page - Sanyo Semicon Device LA7852 Datasheet HTML 3Page - Sanyo Semicon Device LA7852 Datasheet HTML 4Page - Sanyo Semicon Device LA7852 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Parameter
Symbol
Conditions
min
typ
max
Unit
Increased/reduced voltage
characteristic of AFC phase
comparison center time
V11 =12 ± 1 V
–1.5
+1.5
%/V
Temperature characteristic of
AFC phase comparison center
time
Ta = –10 to +60°C
–0.2
+0.2
%/°C
Comparison waveform
generating
input operation voltage
V5
0.6
0.9
V
Pin 14 voltage at hold-down
operation start
V14
0.5
0.8
V
Equivalent Circuit Block Diagram
LA7852
No.2781-3/5


유사한 부품 번호 - LA7852

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7850 SANYO-LA7850 Datasheet
127Kb / 5P
   CRT Display Synchronization Deflection Circuit????
LA7851 SANYO-LA7851 Datasheet
109Kb / 4P
   CRT Display Synchronization Deflection Circuit????
LA7853 SANYO-LA7853 Datasheet
101Kb / 4P
   CRT Display Synchronization Deflection Circuit
LA7855 SANYO-LA7855 Datasheet
182Kb / 8P
   Very High Resolution CRT Display Synchronization
LA7856 SANYO-LA7856 Datasheet
182Kb / 8P
   Very High Resolution CRT Display Synchronization
More results

유사한 설명 - LA7852

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7850 SANYO-LA7850 Datasheet
127Kb / 5P
   CRT Display Synchronization Deflection Circuit????
LA7853 SANYO-LA7853 Datasheet
101Kb / 4P
   CRT Display Synchronization Deflection Circuit
LA7851 SANYO-LA7851 Datasheet
109Kb / 4P
   CRT Display Synchronization Deflection Circuit????
LA7824 SANYO-LA7824 Datasheet
130Kb / 3P
   Color CRT Display Synchronization, Deflection Circuit???
LA7823 SANYO-LA7823 Datasheet
130Kb / 3P
   Color CRT Display Synchronization, Deflection Circuit?
logo
NTE Electronics
NTE7063 NTE-NTE7063 Datasheet
25Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7062 NTE-NTE7062 Datasheet
23Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
   Integrated Circuit Sync Deflection Circuit for CRT Display
logo
Sanyo Semicon Device
LA7837 SANYO-LA7837 Datasheet
195Kb / 9P
   Vertical Deflection Circuit with TV / CRT Display Drive
LA7811 SANYO-LA7811 Datasheet
336Kb / 7P
   COLOR TV SYNCHRONIZATION DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com