전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA6012 데이터시트(PDF) 1 Page - Sanken electric

부품명 SLA6012
상세설명  PNP NPN Darlington 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6012 데이터시트(HTML) 1 Page - Sanken electric

  SLA6012 Datasheet HTML 1Page - Sanken electric SLA6012 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
108
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
Characteristic curves
SLA6012
2
R2 R3
4
R1
8
6
9
11
10
1
3
7
5
12
R1: 3k
Ω typ R2: 2kΩ typ R3: 150Ω typ
(Ta=25
°C)
Symbol
Unit
VCBO
60
–60
V
VCEO
60
–60
V
VEBO
6
–6V
IC
4
–4A
IB
0.5
–0.5
A
PT
5 (Ta=25
°C)
W
25 (Tc=25
°C)
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θ j–c
5
°C/W
Ratings
NPN
PNP
6
4
2
0
02
4
6
1.0mA
0.6mA
0.4mA
0.3mA
2.0mA
VCE (V)
20000
10000
5000
1000
500
100
50
30
0.03
0.1
0.5
1
5 6
typ
0.05
(VCE=4V)
IC (A)
0.03
0.1
0.5
1
5 6
0.05
20000
10000
5000
1000
500
100
50
30
75
°C
25
°C
Ta=125
°C
–30
°C
(VCE=4V)
IC (A)
6
4
2
0
01
2
3
5
3
1
(VCE=4V)
VBE (V)
–6
–4
–2
0
0
–2
–4
–6
–1.8mA
–1.5m
A
–1.2m
A
–1.0m
A
–0.9m
A
–0.8mA
VCE (V)
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5 –6
typ
–0.05
(VCE=–4V)
IC (A)
–0.03
–0.1
–0.5
–1
–5 –6
–0.05
20000
10000
5000
1000
500
100
50
30
Ta
=125
°C
–3
C
75
°C
25
°C
(VCE=–4V)
IC (A)
–6
–4
–2
–3
0
0
–1
–2
–3
–5
–1
(VCE=–4V)
VBE (V)
PNP + NPN Darlington
3-phase motor drive
External dimensions
A • • • SLA (12-pin)
Absolute maximum ratings
sEquivalent circuit diagram


유사한 부품 번호 - SLA6012

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results

유사한 설명 - SLA6012

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026_06 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com