전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA6820M 데이터시트(PDF) 1 Page - Sanken electric

부품명 SLA6820M
상세설명  High Voltage 3-Phase Motor Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6820M 데이터시트(HTML) 1 Page - Sanken electric

  SLA6820M Datasheet HTML 1Page - Sanken electric SLA6820M Datasheet HTML 2Page - Sanken electric SLA6820M Datasheet HTML 3Page - Sanken electric SLA6820M Datasheet HTML 4Page - Sanken electric SLA6820M Datasheet HTML 5Page - Sanken electric SLA6820M Datasheet HTML 6Page - Sanken electric SLA6820M Datasheet HTML 7Page - Sanken electric SLA6820M Datasheet HTML 8Page - Sanken electric SLA6820M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The SLA6820M inverter power module (IPM) series provides
a robust, highly-integrated solution for optimally controlling
3-phase motor power inverter systems and variable speed
control systems used in energy-conserving designs to drive
motors of residential and commercial appliances. These ICs
take 230 VAC input voltage, and up to 2.5 A (continuous)
output current. They can withstand voltages of up to 500 V
(MOSFET breakdown voltage).
The SLA6820M power package includes an IC with all of
the necessary power elements (six MOSFETs), pre-driver
ICs (two), and flyback diodes (six), needed to configure the
main circuit of an inverter. This enables the main circuit of
the inverter to be configured with fewer external components
than traditional designs.
Applications include residential white goods (home
applications) and commercial appliance motor control:
• Air conditioner fan
• Small ventilation fan
• Dishwasher pump
Features and Benefits
▪ Built-in pre-drive IC
▪ MOSFET power element
▪ CMOS compatible input (3.3 to 5 V)
▪ High-side gate driver using bootstrap circuit or floating
power supply
▪ Built-in protection circuit for controlling power supply
voltage drop
▪ Built-in overtemperature detection circuit (TD)
▪ Output of fault signal during operation of protection
circuits
▪ Output current 1.5, 2, or 2.5 A
▪ Small SIP (SLA 24-pin)
High Voltage 3-Phase Motor Drivers
Functional Block Diagram
Not to scale
High Side
Level Shift Driver
Low Side
Driver
UVLO
UVLO
UVLO
UVLO
Input
Logic
Input
Logic
UVLO
Overtemperature
Detection
7.5V
Reg.
VD
VCC1
VB 1
VB 2
VB3
VBB 1
VBB 2
U
V
W1
W2
LS1
LS2
FO
COM2
LIN3
LIN2
LIN1
VREG
VCC2
COM1
HIN3
HIN2
HIN1
Figure 1. Driver block diagram
Leadform
2171
Leadform 2175
Packages: Power SIP
SLA6820M Series
28610.18, Rev. 1


유사한 부품 번호 - SLA6820M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA6820MH SANKEN-SLA6820MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

유사한 설명 - SLA6820M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com