전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6862M 데이터시트(PDF) 11 Page - Sanken electric

부품명 SMA6862M
상세설명  High Voltage 3-Phase Motor Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6862M 데이터시트(HTML) 11 Page - Sanken electric

Back Button SMA6862M Datasheet HTML 7Page - Sanken electric SMA6862M Datasheet HTML 8Page - Sanken electric SMA6862M Datasheet HTML 9Page - Sanken electric SMA6862M Datasheet HTML 10Page - Sanken electric SMA6862M Datasheet HTML 11Page - Sanken electric SMA6862M Datasheet HTML 12Page - Sanken electric SMA6862M Datasheet HTML 13Page - Sanken electric SMA6862M Datasheet HTML 14Page - Sanken electric SMA6862M Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
High Voltage 3-Phase Motor Drivers
11
SMA6860M
Series
1.27 ±0.1
2468
10
12
14
16
18
20
22
24
13579
11
13
15
17
19
21
23
4 ±0.2
10.2 ±0.2
R1
REF
4.4
REF
2.2 ±0.7
BSC
2.2 ±0.7
BSC
3 ±0.5
BSC
1.2 ±0.1
BSC
Gate protrusion
A
C
C
Measured at pin exit from case
Maximum dambar protrusion
0.6 +0.15
– 0.05
0.55 +0.2
– 0.1
0.7 +0.15
– 0.05
A
1.27 ±0.6 B
B Measured at pin tips
31 ±0.2
31.3 ±0.2
Gate protrusion
View A
Deflection at pin bend
0.7 MAX
0.7 MAX
View A
Leadform: 2451
Terminal core material: Cu
Terminal plating: Ni and solder (Sn 97.5%, Ag 2.5%) plating
Case material: Epoxy resin
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line, lot:
YMDD
#
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
# is the tracking letter
2nd line, type: SMA686xM
Branding Area
Leadframe plating Pb-free. Device composition
complies with the RoHS directive.
Package Outline Drawing
Leadform 2451
Dual rows, 24 alternating pins; pins bent 90° for horizontal case mounting; pin #1 in outer row


유사한 부품 번호 - SMA6862M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6862MH SANKEN-SMA6862MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
SMA6862MZ SANKEN-SMA6862MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
More results

유사한 설명 - SMA6862M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com