전자부품 데이터시트 검색엔진 |
|
LM3414HVMR 데이터시트(PDF) 3 Page - National Semiconductor (TI) |
|
|
LM3414HVMR 데이터시트(HTML) 3 Page - National Semiconductor (TI) |
3 / 20 page Pin Descriptions Pin(s) Name Description Application Information 1 VCC Internal Regulator Output Pin This pin should be bypassed to ground by a ceramic capacitor with a minimum value of 1µF. 2 PGND Power Ground Pin Ground for power circuitry. Reference point for all stated voltages. Must be externally connected to EP and GND. 3 IADJ Average Output Current Adjustment Pin Connect resistor R IADJ from this pin to ground to adjust the average output current. 4 GND Analog Ground Pin Analog ground connection for internal circuitry, must be connected to PGND external to the package. 5 FS Switching Frequency Setting Pin Connect resistor R FS from this pin to ground to set the switching frequency. 6 DIM PWM Dimming Control Pin Apply logic level PWM signal to this pin controls the intend brightness of the LED string. 7 LX Drain of N-MOSFET Switch Connect this pin to the output inductor and anode of the schottky diode. 8 VIN Input Voltage Pin The input voltage should be in the range of 4.5V to 42V (LM3414) or 4.5V to 65V (LM3414HV). EP EP Thermal Pad (Power Ground) Used to dissipate heat from the package during operation. Must be electrically connected to PGND external to the package. 3 www.national.com |
유사한 부품 번호 - LM3414HVMR |
|
유사한 설명 - LM3414HVMR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |