전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28006FH-20EVAL1Z 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL28006FH-20EVAL1Z
상세설명  Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH-20EVAL1Z 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL28006FH-20EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ISL28006
8
FN6548.4
September 16, 2010
Typical Performance Curves V
cc = 12V, RL = 1M, unless otherwise specified.
FIGURE 1. HIGH-SIDE and LOW-SIDE THRESHOLD
VOLTAGE VRS+(L-H) and VRS+(H-L),
VSENSE = 10mV
FIGURE 2. VOUT vs VRS+, VSENSE = 20mV TRANSIENT
RESPONSE
FIGURE 3. LARGE SIGNAL TRANSIENT RESPONSE
VRS+ = 0.2V, VSENSE = 100mV
FIGURE 4. LARGE SIGNAL TRANSIENT RESPONSE
VRS+ = 12V, VSENSE = 100mV
FIGURE 5. VOS (µV) DISTRIBUTION AT +25°C,
VRS+ = 12V, QUANTITY: 100
FIGURE 6. VOS vs VRS+
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (ms)
VTH(L-H) = 1.52V
VTH(H-L) = 1.23V
VRS+
G100, VOUT = 1V
G50, VOUT = 500mV
G20, VOUT = 200mV
VOUT (G = 100)
0
0.4
0.8
1.2
1.6
2.0
2.4
0
0.2
0.40.6
0.81.0
1.21.4
1.61.8
2.0
TIME (ms)
0
2
4
6
8
10
12
RL = 1M
VCC = 12V
VRS+
G100, VOUT = 2V
G50, VOUT = 1V
G20, VOUT = 400mV
VOUT (G = 100)
0
2
4
6
8
10
12
0
102030405060708090
100
TIME (µs)
GAIN 100
0
2
4
6
8
10
12
0
1020
304050
60
708090
100
TIME (µs)
GAIN 100
VOS (µV)
0
2
4
6
8
10
12
14
16
18
20
-250 -200 -150 -100
-50
0
50
100
GAIN 100
VSENSE = 20mV, 100mV
0
2
4
6
8 10 121416182022 2426 28
VRS+ (V)
-400
-200
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
+25°C
-40°C
+125°C
+100°C
GAIN 100
VSENSE = 20mV, 100mV


유사한 부품 번호 - ISL28006FH-20EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Renesas Technology Corp
ISL28006FH-20EVAL1Z RENESAS-ISL28006FH-20EVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results

유사한 설명 - ISL28006FH-20EVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com