전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA9231 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LA9231
상세설명  Analog Signal Processor ASP for CD players
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9231 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LA9231 Datasheet HTML 6Page - Sanyo Semicon Device LA9231 Datasheet HTML 7Page - Sanyo Semicon Device LA9231 Datasheet HTML 8Page - Sanyo Semicon Device LA9231 Datasheet HTML 9Page - Sanyo Semicon Device LA9231 Datasheet HTML 10Page - Sanyo Semicon Device LA9231 Datasheet HTML 11Page - Sanyo Semicon Device LA9231 Datasheet HTML 12Page - Sanyo Semicon Device LA9231 Datasheet HTML 13Page - Sanyo Semicon Device LA9231 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
11. DEFECT
The mirrored surface level is maintained by the capacitor for LF2 (pin 59); when a drop in the EFM signal (RFSM output)
reaches 0.35 V or more, a high signal is output to DEF (pin 49). If DEF (pin 49) goes high, the tracking servo enters THLD
mode. In order to prevent the tracking servo from entering THLD mode when a defect is detected, prevent DEFECT from
being output by either shorting DEF (pin 49) to GND, or shorting LF2 (pin 59) to GND. The DEFECT output is driven by
constant current (approximately 100 µA).
12. Microprocessor interface
Because the Reset (Nothing) command initializes the LA9230M and the LA9231M, it must be used carefully.
The LA9230M/LA9231M command acceptance (mode switching) timing is defined by the internal clock (4.23 MHz divided
to 130 kHz) after the falling edge of CE (RWC); therefore, when commands are sent consecutively, CE must go low for at
least 10 µsec. / The 4.23 MHz clock is required for that reason. 2BYTE-COMMAND DETECT and 2BYTE-COMMAND
RESET are used only for the purpose of masking two-byte data.
All instructions can be input by setting CE high and sending commands synchronized with the CL clock from the
microprocessor to DAT (pin 52) in LSB first format. Note that the command is executed at the falling edge of CE.
13. Reset circuit
The power-on reset is released when VCC exceeds approximately 2.8 V.
14. Pattern design notes
To prevent signal jump-in from CV
+ (pin 40) to RFSM (pin 41), a shielding line is necessary in between.
15. VCC /REF/GND/NC
VCC1 (pin 64)
: RF system
VCC2 (pin 56)
: SERVO system, DIGITAL system
AGND (pin 22)
: RF system, SERVO system
DGND (pin 45)
: DIGITAL system
NC (pins 46*, 47, 48, and 55)
: No connection
*Only for LA9230M
EFM signal
(RFSM output)
LF2 (pin 59)
DEF (pin 49)
Timing
*The DSP pin names are shown in parentheses.
LA9230M/9231M
No.5189 - 10/20


유사한 부품 번호 - LA9231

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA9233 SANYO-LA9233 Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
More results

유사한 설명 - LA9231

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
   Analog Signal Processing Circuit (ASP) for CD players
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com