전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT400D-7-F 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 BAT400D-7-F
상세설명  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT400D-7-F 데이터시트(HTML) 3 Page - Diodes Incorporated

  BAT400D-7-F Datasheet HTML 1Page - Diodes Incorporated BAT400D-7-F Datasheet HTML 2Page - Diodes Incorporated BAT400D-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAT400D
Package Outline Dimensions
BAT400D
Document number: DS30182 Rev. 15 - 2
3 of 3
www.diodes.com
June 2008
© Diodes Incorporated
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
A
M
J
L
D
F
B C
H
K
G
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
F
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
All Dimensions in mm
X
E
Y
C
Z
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35


유사한 부품 번호 - BAT400D-7-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BAT400D-7-F DIODES-BAT400D-7-F Datasheet
363Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
More results

유사한 설명 - BAT400D-7-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
   0.5A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 March 2009
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MBR0580S1 DIODES-MBR0580S1 Datasheet
327Kb / 6P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0540WQ DIODES-B0540WQ Datasheet
439Kb / 5P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT400D DIODES-BAT400D Datasheet
63Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 7 - 2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com