전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11995 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LB11995
상세설명  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11995 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LB11995 Datasheet HTML 1Page - Sanyo Semicon Device LB11995 Datasheet HTML 2Page - Sanyo Semicon Device LB11995 Datasheet HTML 3Page - Sanyo Semicon Device LB11995 Datasheet HTML 4Page - Sanyo Semicon Device LB11995 Datasheet HTML 5Page - Sanyo Semicon Device LB11995 Datasheet HTML 6Page - Sanyo Semicon Device LB11995 Datasheet HTML 7Page - Sanyo Semicon Device LB11995 Datasheet HTML 8Page - Sanyo Semicon Device LB11995 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LB11995
No. 6112-2/10
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
7.0
V
14.4
V
14.4
V
Applied output voltage
14.4
V
Applied intput voltage
V
Output current
1.3
A
Allowable power dissipation
Pd max
IC only
0.8
W
1.9
W
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
–20 to +75
–55 to +150
with substrate (114.3 x 76.1 x 1.6 mm
3,
glass exposy)
Maximum Ratings at Ta = 25
°C
Specifications
Operating Conditions at Ta = 25
°C
Sample Application at Ta = 25
°C
Note: When boost-up voltage is used at VCC2, output can be set to low-saturation.
VCC1 max
VCC2 max
VCC3 max
VO max
VIN max
IO max
VCC1
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
4 to 6
V
4 to 13.6
V
4 to 13.6
V
VCC1
VCC2
VCC3
Parameter
Symbol
Conditions
Ratings
Unit
12V type
Regulated voltage
4 to 6
V
Unregulated voltage
4 to 13.6
V
5V type
Regulated voltage
4 to 6
V
4 to 13.6
V
Boost-up voltage or regulated voltage
(Note)
VCC1
VCC2 = VCC3
VCC1 = VCC3
VCC2
≥ V
CC1


유사한 부품 번호 - LB11995

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

유사한 설명 - LB11995

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com