전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11999 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LB11999
상세설명  Three-Phase Brushless Motor Drivers for CD-ROM Spindle Motor Driver (supports 44x, 48x, 50x)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11999 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LB11999 Datasheet HTML 4Page - Sanyo Semicon Device LB11999 Datasheet HTML 5Page - Sanyo Semicon Device LB11999 Datasheet HTML 6Page - Sanyo Semicon Device LB11999 Datasheet HTML 7Page - Sanyo Semicon Device LB11999 Datasheet HTML 8Page - Sanyo Semicon Device LB11999 Datasheet HTML 9Page - Sanyo Semicon Device LB11999 Datasheet HTML 10Page - Sanyo Semicon Device LB11999 Datasheet HTML 11Page - Sanyo Semicon Device LB11999 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LB11999,11999H
No. 6180-11/12
Continued from preceding page
Control reference voltage applied
pin.
Determines control start voltage.
Speed control voltage applied pin.
V type control technique
VC > VCREF : Forward
VC < VCREF : Slowdown
(Reverse-blocking circuit prevents
reverse rotation.)
W-phase output.
Output transistor GND.
V-phase output.
Upper side output NPN transistor
collector pin (common for all 3
phases).
For current detection, connect
resistor between VCC3 pin and RF
pin. Constant current control and
current limiter works by detecting this
voltage.
Short brake pin.
BRAKE:
High –> Brake
Low/Open –> Drive
U-phase output.
VCREF
VC
WOUT
VOUT
UOUT
0V to VCC1
GND pin for all circuits except output.
Control loop frequency compensator
pin.
Connecting a capacitor between this
pin and GND prevents closed loop
oscillation in current limiting circuitry.
Pin number
Pin name
Pin voltage
Equivalent circuit
Pin function
SIG GND
FC
PWR GND
RF
LMC
BRAKE
18 (8)
20 (6)
21 (5)
22 (4)
23 (2)
24 (1)
1 (28)
2 (27)
5 (23)
19 (7)
16 (12)
1.3V to 2V
20
20k
5k
2k
VCC1
(6)
51k
21
200
25
µ
25
µ
VCC1
15
µ
15
200
µ
22
(4)
(5)
5
3.9
3.9
VCC2
1
23
2
24
(23)
(1)
(2, 28, 27)
VCC1
5k
RF
7k
15k
19
(7)
100
µ
VCC1
50k
75k
16
(12)
Unit (Resistance:
Ω, capacitance: F)


유사한 부품 번호 - LB11999

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11990W SANYO-LB11990W Datasheet
151Kb / 14P
   Three-Phase Brushless Motor Driver
LB11993W SANYO-LB11993W Datasheet
167Kb / 15P
   Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

유사한 설명 - LB11999

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com