전자부품 데이터시트 검색엔진 |
|
AD7468BRT-REEL7 데이터시트(PDF) 10 Page - Analog Devices |
|
AD7468BRT-REEL7 데이터시트(HTML) 10 Page - Analog Devices |
10 / 28 page AD7466/AD7467/AD7468 Rev. C | Page 10 of 28 TIMING EXAMPLES Figure 3 shows some of the timing parameters from Table 4 in the Timing Specifications section. Timing Example 1 As shown in Figure 3, fSCLK = 3.4 MHz and a throughput of 100 kSPS gives a cycle time of tCONVERT + t8 + tQUIET = 10 μs. Assuming VDD = 1.8 V, tCONVERT = t2 + 15(1/fSCLK) = 55 ns + 4.41 μs = 4.46 μs, and t8 = 60 ns maximum, then tQUIET = 5.48 μs, which satisfies the requirement of 10 ns for tQUIET. The part is fully powered up and the signal is fully acquired at Point A. This means that the acquisition/power-up time is t2 + 2(1/fSCLK) = 55 ns + 588 ns = 643 ns, satisfying the maximum requirement of 640 ns for the power-up time. Timing Example 2 The AD7466 can also operate with slower clock frequencies. As shown in Figure 3, assuming VDD = 1.8 V, fSCLK = 2 MHz, and a throughput of 50 kSPS gives a cycle time of tCONVERT + t8 + tQUIET = 20 μs. With tCONVERT = t2 + 15(1/fSCLK) = 55 ns + 7.5 μs = 7.55 μs, and t8 = 60 ns maximum, this leaves tQUIET to be 12.39 μs, which satisfies the requirement of 10 ns for tQUIET. The part is fully powered up and the signal is fully acquired at Point A, which means the acquisition/power-up time is t2 + 2(1/fSCLK) = 55 ns + 1 μs = 1.05 μs, satisfying the maximum requirement of 640 ns for the power-up time. In this example and with other slower clock values, the part is fully powered up and the signal already acquired before the third SCLK falling edge; however, the track-and-hold does not go into hold mode until that point. In this example, the part can be powered up and the signal can be fully acquired at approximately Point B in Figure 3. SCLK t2 tCONVERT B A t8 tQUIET 1/THROUGHPUT AUTOMATIC POWER-DOWN TRACK-AND-HOLD IN HOLD TRACK-AND-HOLD IN TRACK ACQUISITION TIME POINT A: THE PART IF FULLY POWERED UP WITH VIN FULLY ACQUIRED. 1 2 3 CS 4 5 13 14 15 16 Figure 3. AD7466 Serial Interface Timing Diagram Example |
유사한 부품 번호 - AD7468BRT-REEL7 |
|
유사한 설명 - AD7468BRT-REEL7 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |