전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM05-7 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 SM05-7
상세설명  DUAL SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SM05-7 데이터시트(HTML) 1 Page - Diodes Incorporated

  SM05-7 Datasheet HTML 1Page - Diodes Incorporated SM05-7 Datasheet HTML 2Page - Diodes Incorporated SM05-7 Datasheet HTML 3Page - Diodes Incorporated SM05-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM05
Document number: DS31828 Rev. 4 - 2
1 of 4
www.diodes.com
April 2010
© Diodes Incorporated
SM05
DUAL SURFACE MOUNT TVS
Features
300 Watts Peak Pulse Power (tp = 8x20
μs)
IEC 61000-4-2 (ESD): Air – 15kV, Contact – 8kV
Dual Common Anode TVS
SOT-23 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
Lead Free/RoHS Compliant (Note 3)
“Green” Device (Note 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic, “Green” Molding Compound,
Note 3. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating) Solderable per MIL-STD-202, Method 208
Ordering Information: See Page 2
Marking Information: See Page 2
Weight: 0.0089 grams (approximate)
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
μs)
(Note 6) TA = 25°C
Ppk
300
W
Thermal Resistance, Junction to Ambient
(Note 6) TA = 25°C
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified (Note 7)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 5)
Max. Clamping
Voltage @ IPP = 5A
(Note 2)
Max. Clamping Voltage
VC @ IPP (Note 2)
Typical
Capacitance CT
(Note 1)
VRWM (V) Min (V) Max (V)
IT (mA)
IR (μA)
VC (V)
VC (V)
IPP (A)
(pF)
5
6.2
7.3
1.0
10
9.8
20.6
17
230
Notes:
1. VR = 0V, f = 1MHz.
2. Clamping voltage value is based on an 8x20
μs peak pulse current (I
pp) waveform.
3. No purposefully added lead.
4. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Short duration pulse test used to minimize self-heating effect.
6. Device mounted on FR-4 PC board with suggested pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
Measured across pin 1 and pin 2.
Top View
Device Schematic


유사한 부품 번호 - SM05-7

제조업체부품명데이터시트상세설명
logo
Littelfuse
SM05-02HTG LITTELFUSE-SM05-02HTG Datasheet
1Mb / 6P
   400W TVS Diode Array
logo
Guangdong Youtai Semico...
SM05-02HTG UMW-SM05-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
More results

유사한 설명 - SM05-7

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DESD6V8DLP DIODES-DESD6V8DLP Datasheet
210Kb / 4P
   DUAL SURFACE MOUNT TVS
DESDA5V3LQ DIODES-DESDA5V3LQ Datasheet
211Kb / 5P
   DUAL SURFACE MOUNT TVS ARRAY
DESDA5V3L DIODES-DESDA5V3L Datasheet
204Kb / 5P
   DUAL SURFACE MOUNT TVS ARRAY
T5V0DLP DIODES-T5V0DLP Datasheet
205Kb / 5P
   LOW CAPACITANCE SURFACE MOUNT DUAL TVS
February 2019
MMBZ15VDL DIODES-MMBZ15VDL_1 Datasheet
381Kb / 4P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 9 - 2
MMBZ15VDL DIODES-MMBZ15VDL_08 Datasheet
136Kb / 4P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 11 - 2
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
73Kb / 3P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Microsemi Corporation
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com