전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4744A 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 1N4744A
상세설명  SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4744A 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  1N4744A Datasheet HTML 1Page - Pan Jit International Inc. 1N4744A Datasheet HTML 2Page - Pan Jit International Inc. 1N4744A Datasheet HTML 3Page - Pan Jit International Inc. 1N4744A Datasheet HTML 4Page - Pan Jit International Inc. 1N4744A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-JUN.15.2009
2
1N4736A~1N4757A
FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• High temperature soldering : 260°C /10 seconds at terminals
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded plastic DO-41
• Epoxy:UL 94V-O rate flame retardant
• Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
guaranteed
• Polarity: Color band denotes positive end
• Mounting position:Any
• Weight: 0.012 ounce, 0.3 gram
• Packing information
B
- 1K per Bulk box
T/R - 5K per 13" paper Reel
T/B - 2.5K per horiz. tape & Ammo box
SILICON ZENER DIODE
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
6.8 to 51 Volts
1.0 Watts
POWER
VOLTAGE
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
PTOT
*
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
+
o
t
5
5
-
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
+
o
t
5
5
-
O C
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
*
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.


유사한 부품 번호 - 1N4744A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4744A PHILIPS-1N4744A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4744A VISHAY-1N4744A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4744A RENESAS-1N4744A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
New Jersey Semi-Conduct...
1N4744A NJSEMI-1N4744A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
List of Unclassifed Man...
1N4744A ETC1-1N4744A Datasheet
56Kb / 2P
   ZENER DIODES
More results

유사한 설명 - 1N4744A

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N4954 EIC-1N4954 Datasheet
131Kb / 2P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
M/A-COM Technology Solu...
1N957BUR-1 MA-COM-1N957BUR-1 Datasheet
709Kb / 5P
   Silicon Zener Diode Series
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com