전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 BC846
상세설명  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC846 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  BC846_09 Datasheet HTML 1Page - Pan Jit International Inc. BC846_09 Datasheet HTML 2Page - Pan Jit International Inc. BC846_09 Datasheet HTML 3Page - Pan Jit International Inc. BC846_09 Datasheet HTML 4Page - Pan Jit International Inc. BC846_09 Datasheet HTML 5Page - Pan Jit International Inc. BC846_09 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
REV.0.3-FEB.10.2009
BC846,BC847,BC848,BC849,BC850 SERIES
NPN GENERAL PURPOSE TRANSISTORS
VOLTAGE
30/45/65 Volts
225 mWatts
FEATURES
• General purpose amplifier applications
• NPN epitaxial silicon, planar design
• Collector current IC = 100mA
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.008 gram
CURRENT
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
6
4
8
C
B
0
5
8
C
B
,
7
4
8
C
B
9
4
8
C
B
,
8
4
8
C
B
VCEO
5
6
5
4
0
3
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
6
4
8
C
B
0
5
8
C
B
,
7
4
8
C
B
9
4
8
C
B
,
8
4
8
C
B
VCBO
0
8
0
5
0
3
V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
6
4
8
C
B
0
5
8
C
B
,
7
4
8
C
B
9
4
8
C
B
,
8
4
8
C
B
VEBO
0
.
6
0
.
6
0
.
5
V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
I C
0
0
1A
m
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
M
P TO T
5
2
2W
m
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θJA
6
5
5
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
I
T STG
0
5
1
o
t
5
5
-
O C
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
:
g
n
i
k
r
a
M
e
c
i
v
e
D
A
6
4
=
A
6
4
8
C
BA
7
4
=
A
7
4
8
C
BA
8
4
=
A
8
4
8
C
B
B
6
4
=
B
6
4
8
C
BB
7
4
=
B
7
4
8
C
BB
8
4
=
B
8
4
8
C
BB
9
4
=
B
9
4
8
C
BB
0
5
=
B
0
5
8
C
B
C
7
4
=
C
7
4
8
C
BC
8
4
=
C
8
4
8
C
BC
9
4
=
C
9
4
8
C
BC
0
5
=
C
0
5
8
C
B


유사한 부품 번호 - BC846_09

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BC846-06 FAIRCHILD-BC846-06 Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Diotec Semiconductor
BC846 DIOTEC-BC846_07 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
KEC(Korea Electronics)
BC846 KEC-BC846_08 Datasheet
48Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

유사한 설명 - BC846_09

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com