전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847CPN 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 BC847CPN
상세설명  DUAL GENERAL PURPOSE TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847CPN 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  BC847CPN Datasheet HTML 1Page - Pan Jit International Inc. BC847CPN Datasheet HTML 2Page - Pan Jit International Inc. BC847CPN Datasheet HTML 3Page - Pan Jit International Inc. BC847CPN Datasheet HTML 4Page - Pan Jit International Inc. BC847CPN Datasheet HTML 5Page - Pan Jit International Inc. BC847CPN Datasheet HTML 6Page - Pan Jit International Inc. BC847CPN Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
REV.0.0-JUN.17.2008
BC847CPN
DUAL GENERAL PURPOSE TRANSISTORS
NPN/PNP Duals (Complimentary)
These transistors are designed for general purpose amplifier appliactions. They are housed in the SOT-363
which is designed for low power surface mount applications.
MAXIMUM RATINGS-NPN
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
V CE O
5
4V
r
o
t
c
e
l
l
o
Ce
g
a
t
l
o
V
e
s
a
B
-V CB O
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
V EBO
0
.
6V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
l
l
o
C
IC
0
0
1
c
d
A
m
MAXIMUM RATINGS-PNP
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
V CE O
5
4
-V
r
o
t
c
e
l
l
o
Ce
g
a
t
l
o
V
e
s
a
B
-V CB O
0
5
-V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
V EBO
0
.
5
-V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
l
l
o
C
IC
0
0
1
-
c
d
A
m
Maximum ratings are those values beyond which device damage can occur.Maximum ratings applied to the device are
individual stress limit values (not noraml operting conditions) and are not valid simultaneously.If these limits are exceeded,
device functional operation is not implied,damage may occur and reliability may be affected.
FEATURES
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
Case: SOT-363
Terminals : Solderable per MIL-STD-750,Method 2026
Approx Weight: 0.006 grams
Marking : 4C7


유사한 부품 번호 - BC847CPN

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BC847CPDW AITSEMI-BC847CPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
ON Semiconductor
BC847CPDW1T1 ONSEMI-BC847CPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
More results

유사한 설명 - BC847CPN

제조업체부품명데이터시트상세설명
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com