전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1854 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LB1854
상세설명  Three-Phase Brushless Motor Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1854 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LB1854 Datasheet HTML 1Page - Sanyo Semicon Device LB1854 Datasheet HTML 2Page - Sanyo Semicon Device LB1854 Datasheet HTML 3Page - Sanyo Semicon Device LB1854 Datasheet HTML 4Page - Sanyo Semicon Device LB1854 Datasheet HTML 5Page - Sanyo Semicon Device LB1854 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
No. 4476-6/6
LB1854M
This catalog provides information as of November, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Continued from preceding page.
Unit (resistance:
Ω)
Pin No.
Symbol
Pin voltage
Equivalent circuit
Function
20
21
22
23
24
25
26
27
28
FGIN
FGIN+
FRC
WIN2
WIN1
VIN2
VIN1
UIN2
UIN1
0 V min
3.5 V max
(when VCC2 is
5 V)
High: 2.3 V min
Low: 0.7 V max
1.4 V min
2.0 V max
FG signal input
Motor forward/reverse control pin
Low level (0.7 V or lower): forward
High level (2.3 V or higher): reverse
W phase Hall sensor input
Logic high is the WIN1 > WIN2 state.
V phase Hall sensor input
Logic high is the VIN1 > VIN2 state.
U phase Hall sensor input
Logic high is the UIN1 > UIN2 state.


유사한 부품 번호 - LB1854

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1855 SANYO-LB1855 Datasheet
79Kb / 5P
   3-Phase Brushless Motor Driver
LB1855NM SANYO-LB1855NM Datasheet
79Kb / 5P
   3-Phase Brushless Motor Driver
LB1857 SANYO-LB1857 Datasheet
150Kb / 8P
   Three-Phase Brushless-Motor Driver
LB1857M SANYO-LB1857M Datasheet
150Kb / 8P
   Three-Phase Brushless-Motor Driver
More results

유사한 설명 - LB1854

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1881M SANYO-LB1881M Datasheet
115Kb / 6P
   Three-Phase Brushless Motor Driver IC
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
   Three-Phase Brushless DC Motor Driver IC
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com