전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1869M 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LB1869M
상세설명  Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1869M 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LB1869M Datasheet HTML 1Page - Sanyo Semicon Device LB1869M Datasheet HTML 2Page - Sanyo Semicon Device LB1869M Datasheet HTML 3Page - Sanyo Semicon Device LB1869M Datasheet HTML 4Page - Sanyo Semicon Device LB1869M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
No. 4943-5/5
LB1863M, 1869M
4. Output protection function (C pin)
This pin connects the capacitor that forms the automatic recovery circuit. If rotation stops due to, for example, a
motor overload, the pin voltage rises and the output stops. The system automatically recovers from stopped to drive
mode when the load is set to an appropriate level. The lock detection time can be set by changing the value of the
capacitor.
For a 1-µF capacitor:Lock detection time
About 2 seconds
Lock protection time (output on)
About 1 second
(output off) About 6 seconds
This catalog provides information as of January, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
ŒWhile the blades are turning, the capacitor is charged with a current of about 3 µA (typical), and C is discharged by
pulses that correspond to the motor speed.
When the blades lock, the capacitor is no longer discharged, and the voltage across the capacitor increases. The
output is turned off when that voltage reaches 0.8
× V
IN.
ŽWhen the output is turned off, the capacitor is discharged at a current of about 0.44 µA (typical). When the
capacitor voltage falls under VTH2, if the lock state is not yet cleared the capacitor continues discharging until
VTH1. (Note that the output is turned on at this time.) These operations, i.e. items  and Ž, are repeated with a
ton:toff ratio of about 1:6 to protect the motor.
{If the lock state has been cleared when the capacitor voltage reaches V
TH2, motor rotation is started by turning the
output on.
5. Rotation detection signal (RD pin)
This is an open collector output, and outputs a low level in drive mode and a high level when the motor is stopped.
6. Radio-frequency noise reduction function (B1 and B2 pins)
These are base pins for Darlington pair outputs. Add capacitors of about 0.01 to 0.1 µF if radio-frequency noise is a
problem.
7. Thermal shutdown function
Turns off the output in response to coil shorting or IC overheating.
Automatic recovery circuit pin C voltage


유사한 부품 번호 - LB1869M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
LB1860-E ONSEMI-LB1860-E Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Sanyo Semicon Device
LB1860M SANYO-LB1860M Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
logo
ON Semiconductor
LB1860M ONSEMI-LB1860M Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results

유사한 설명 - LB1869M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M_09 Datasheet
151Kb / 6P
   Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_15 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_17 Datasheet
193Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
   2-Phase Unipolar Brushless Motor Driver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com