전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1868M 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LB1868M
상세설명  Two-Phase Brushless Fan Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1868M 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LB1868M Datasheet HTML 1Page - Sanyo Semicon Device LB1868M Datasheet HTML 2Page - Sanyo Semicon Device LB1868M Datasheet HTML 3Page - Sanyo Semicon Device LB1868M Datasheet HTML 4Page - Sanyo Semicon Device LB1868M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LB1868M
No. 6203-5/5
(2) 24V supply voltage
(3) High-Power Fan (120 mm-HH-speed)
14
13
12
11
10
9
8
67
4
5
3
2
1
VIN
RD
FG
Z2
Z1
OUT2
IN–
H
IN+
CT
ST
BC
OUT1
GND
0.47
µF
2 k
Vcc
24V 1.2 kΩ
14
13
12
11
10
9
8
6
4
5
3
2
1
H
7
VIN
RD
FG
Z2
Z1
OUT2
IN–
IN+
CT
ST
BC
OUT1
GND
0.47
µF
2 k
Vcc
12V
(24V)
330
(1.2 k
Ω)
VZ = 12V
(24V)
LB1868M
LB1868M
This catalog provides information as of August, 2000. Specifications and information herein are subject to change
without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
PS


유사한 부품 번호 - LB1868M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M Datasheet
88Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1868M ONSEMI-LB1868M Datasheet
89Kb / 5P
   Fan Motor Driver
May, 2013
LB1868M ONSEMI-LB1868M Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-TLM-E ONSEMI-LB1868M-TLM-E Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-TLM-H ONSEMI-LB1868M-TLM-H Datasheet
89Kb / 5P
   Fan Motor Driver
May, 2013
More results

유사한 설명 - LB1868M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868 Datasheet
32Kb / 4P
   Two-Phase Brushless Fan Motor Driver
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1863M ONSEMI-LB1863M Datasheet
163Kb / 7P
   Two-Phase Brushless Motor Driver
August 2014 - Rev. 0
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
logo
Rohm
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com