전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD914WS 데이터시트(PDF) 4 Page - Pan Jit International Inc.

부품명 MMBD914WS
상세설명  SURFACE MOUNTSWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD914WS 데이터시트(HTML) 4 Page - Pan Jit International Inc.

  MMBD914WS Datasheet HTML 1Page - Pan Jit International Inc. MMBD914WS Datasheet HTML 2Page - Pan Jit International Inc. MMBD914WS Datasheet HTML 3Page - Pan Jit International Inc. MMBD914WS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
REV.0.1-FEB.11.2009
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 5K per 7" plastic Reel


유사한 부품 번호 - MMBD914WS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD914WS-AU PANJIT-MMBD914WS-AU Datasheet
498Kb / 6P
   SURFACE MOUNTSWITCHING DIODES
MMBD914WSAU_ PANJIT-MMBD914WSAU_ Datasheet
498Kb / 6P
   SURFACE MOUNTSWITCHING DIODES
More results

유사한 설명 - MMBD914WS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD914WS-AU PANJIT-MMBD914WS-AU Datasheet
498Kb / 6P
   SURFACE MOUNTSWITCHING DIODES
logo
Cystech Electonics Corp...
MF400XSL CYSTEKEC-MF400XSL Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
logo
Nanjing International G...
1SMA4728A DGNJDZ-1SMA4728A Datasheet
81Kb / 2P
   SURFACE MOUNTZENER DIODES
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
   High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
Hi-Sincerity Mocroelect...
HMM4148 HSMC-HMM4148 Datasheet
36Kb / 3P
   SURFACE MOUNT SITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com