전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1922 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LB1922
상세설명  Three-Phase Brushless Motor Driver for Office Automation Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1922 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1922 Datasheet HTML 2Page - Sanyo Semicon Device LB1922 Datasheet HTML 3Page - Sanyo Semicon Device LB1922 Datasheet HTML 4Page - Sanyo Semicon Device LB1922 Datasheet HTML 5Page - Sanyo Semicon Device LB1922 Datasheet HTML 6Page - Sanyo Semicon Device LB1922 Datasheet HTML 7Page - Sanyo Semicon Device LB1922 Datasheet HTML 8Page - Sanyo Semicon Device LB1922 Datasheet HTML 9Page - Sanyo Semicon Device LB1922 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
16. Techniques for measuring IC internal temperature increases
• Thermocouple measurement
When using a thermocouple for temperature measurement, the thermocouple is attached to a fin on the heat sink.
While this measurement technique is simple, it suffers from large measurement errors when the thermal
generation process is not at steady state.
• Measurement using IC internal diode properties
We recommend using the properties of the parasitic diode that exists between INT.IN and ground for measuring
the temperature of this IC. (Sanyo data: For ID = 1 mA, the temperature characteristic is about 1.8 mV/°C.) The
external resistor must be disconnected when measuring the temperature.
17. Servo constants
The servo constant calculations depend strongly on the characteristics of the motor used and require special expertise.
Normally, the motor manufacturer will set up these constants. Sanyo can provide the data required for the servo
constant calculations. This data includes both the characteristics data for this IC as well as the frequency
characteristics simulation data for the filter characteristics set up by the motor manufacturer.
If the resistor (R10) between DOUT and INT.IN is too small, then C8 and C9 will become excessively large, and if
R10 is too large, then speed errors due to the speed discriminator shutoff current and the integrator input current will
become more likely to occur. Therefore, this resistor should have a value in the range 10 to 100 k
Ω. If the resistor
(R8) between POUT and INT.IN is too small, the influence of the PLL system will become excessive and the lock
state pull-in characteristics will be degraded. Thus the value of this resistor must not be made too small. We
recommend a value of around 1 M
Ω when R10 is 75 kΩ. Applications must be designed by first setting up only the
speed discriminator system (R9, R10, C8, and C9) and only then setting up the PLL system resistor R8.
No. 5679-8/10
LB1922


유사한 부품 번호 - LB1922

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

유사한 설명 - LB1922

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com