전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZTA42 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 FZTA42
상세설명  SOT223 NPN SILICON PLANAR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZTA42 데이터시트(HTML) 2 Page - Diodes Incorporated

  FZTA42 Datasheet HTML 1Page - Diodes Incorporated FZTA42 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 2 – MARCH 94
FEATURES
* High voltage
APPLICATIONS
* Telephone dialler circuit
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
6V
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb=25°C
Ptot
680
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +175
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
300
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
300
V
IC=1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
6V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.1
µ
A
VCB=200V, IE=0
Emitter Cut-Off Current IEBO
0.1
µ
A
VEB=6V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
V
IC=20mA, IB=2mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=20mA, IB=2mA*
Static Forward Current
Transfer Ratio
hFE
25
40
40
IC=1mA, VCE=10V*
IC=10mA, VCE=10V*
IC=30mA, VCE=10V*
Transition
Frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Output Capacitance
Cobo
6pF
VCB=20V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
E-Line
TO92 Compatible
MPSA42
3-78
C
B
E
Safe operating area
TYPICAL CHARACTERISTICS
0.1
10
100
1.0
60
0.1
10
100
1.0
0
40
80
20
100
120
0.001
100
10
0.01
1A
0.1
1000
1
100ms
10ms
1ms
D.C.
200
0.2
0.1
0.1
10
100
0.3
1.0
200
0
100
40
160
80
60
120
140
20
VCE=10V
140
VCE=20V
Single Pulse Test at Tamb=25°C
VCE(sat) vs IC
hFE vs IC
fT vs IC
VCE-Collector-Emitter Voltage (Volts)
IC-Collector Current (mA)
IC-Collector Current (mA)
IC-Collector Current (mA)
IC / IB=10
F
ZTA42


유사한 부품 번호 - FZTA42

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZTA42 KEXIN-FZTA42 Datasheet
35Kb / 1P
   NPN Silicon Planar High Voltage Transistor
More results

유사한 설명 - FZTA42

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
FZT1051A DIODES-FZT1051A Datasheet
58Kb / 3P
   SOT223 NPN SILICON PLANAR
FZTA14 DIODES-FZTA14 Datasheet
40Kb / 1P
   SOT223 NPN SILICON PLANAR
FZT651 DIODES-FZT651 Datasheet
105Kb / 2P
   SOT223 NPN SILICON PLANAR
FZT855 DIODES-FZT855 Datasheet
176Kb / 3P
   SOT223 NPN SILICON PLANAR
FZT1047A DIODES-FZT1047A Datasheet
131Kb / 4P
   SOT223 NPN SILICON PLANAR
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
FZT605 DIODES-FZT605 Datasheet
85Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
FZT689B DIODES-FZT689B Datasheet
115Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
logo
Zetex Semiconductors
FZT2222A ZETEX-FZT2222A Datasheet
43Kb / 2P
   SOT223 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
FZT851 DIODES-FZT851 Datasheet
64Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com