전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1996 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LB1996
상세설명  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1996 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LB1996 Datasheet HTML 1Page - Sanyo Semicon Device LB1996 Datasheet HTML 2Page - Sanyo Semicon Device LB1996 Datasheet HTML 3Page - Sanyo Semicon Device LB1996 Datasheet HTML 4Page - Sanyo Semicon Device LB1996 Datasheet HTML 5Page - Sanyo Semicon Device LB1996 Datasheet HTML 6Page - Sanyo Semicon Device LB1996 Datasheet HTML 7Page - Sanyo Semicon Device LB1996 Datasheet HTML 8Page - Sanyo Semicon Device LB1996 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LB1996
No. 5977-6/9
Sample Application Circuit
Capacitor requirements may change depending on motor.
For some motors, capacitor between Hall inputs may not be needed.
Power supply - GND
Output - GND
Between Hall inputs
1 VOUT
24
PWR GND
2 UOUT
23
WOUT
3 VCC2
22
VC
4 VCC3
21
VCREF
5 RF
20
FC
6 VCC1
FRAME GND
19
FGSEL
FRAME GND
7 UIN2
18
SIG GND
8 UIN1
17
S/S
9 VIN2
16
BRAKE
10 VIN1
15
FG
11 WIN2
14
RS
12 WIN1
13
VH
LB1996
0.1
µF
0.1
µF
0.1
µF
CTRL signal
CTRL reference voltage
0.1
µF
0.2 to 0.5
0.1
µF
0.047
µF
0.047
µF
0.047
µF
FGSEL
S/S
BRAKE
A11171


유사한 부품 번호 - LB1996

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1991 SANYO-LB1991 Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

유사한 설명 - LB1996

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com