전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1060 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 SB1060
상세설명  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1060 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  SB1060 Datasheet HTML 1Page - Pan Jit International Inc. SB1060 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 23,2010-REV.03
SB1020 SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volts
10 Amperes
CURRENT
MECHANICAL DATA
• Case: TO-220AC Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.0655 ounces, 1.859 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE:
Both Bonding and Chip structure are available.
PA RA M E TE R
S YM B OL S B 10 20
S B 1030
S B 1040
S B 10 45
S B 10 50
S B 1060
UNITS
Ma xi mum Re c ur r e nt P e ak Re ve r s e Vo ltage
V
RRM
20
30
40
45
50
60
V
Ma xi mum RM S Vo lta g e
V
RM S
14
21
28
31.5
3 5
4 2
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
20
30
40
45
50
60
V
Ma xi mum A ver ag e F o r wa r d
C ur r e nt at
T
C =7 5
OC
I
F(AV )
10
A
P e a k F o rwa r d S urg e C urre nt :8 .3 ms s i ng le ha lf
s i ne -wave s uper i m p o s ed on r a ted load
( J EDEC m e tho d )
I
FSM
15 0
A
Ma xi mum F o r war d Vo ltage at 10 A
V
F
0.55
0.75
V
Ma xi mum DC Re ve r s e Cur r e nt a t Ra te d
D C B loc k i ng Vo ltage
T
J =2 5
O C
T
J = 100
OC
I
R
0.2
50
mA
Typ i ca l The r m a l Re si sta nce
R
JC
3.0
OC / W
O p er ati ng J unc ti on Te mper atur e Ra ng e
TJ
- 55 to + 1 2 5
- 5 5 t o + 150
OC
S tor a ge Te m p er atur e Ra ng e
TSTG
- 5 5 t o + 150
OC
0.196(5.00)
0.163(4.16)
0.054(1.39)
0.045(1.15)
0.115(2.92)
0.080(2.03)
0.025(0.65)MAX.
0.419(10.66)
0.387(9.85)
0.139(3.55)
MIN.
0.058(1.47)
0.042(1.07)
0.038(0.96)
0.019(0.50)
0.100(2.54)
0.100(2.54)


유사한 부품 번호 - SB1060

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB1060 PANJIT-SB1060 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1060 TRSYS-SB1060 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1060 WTE-SB1060 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1060 WTE-SB1060 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1060 PANJIT-SB1060 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB1060

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com