전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD330YS 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 SD330YS
상세설명  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD330YS 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  SD330YS Datasheet HTML 1Page - Pan Jit International Inc. SD330YS Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.18.2009
1
SD320YS~SD360YS
RATING AND CHARACTERISTIC CURVES
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60Hz
.4
.5
.6
.8
1.0
.7
.9
1.1
50
0.1
10
1.0
.3
.2
TJ=25 C
f=1.0mHz
Visg=5mVp-p
O
20-40V
50-60V
120
140
10
1.0
0.1
.01
.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
1
10
100
60
80
30
45
75
15
0
Fig.1- FORWARD CURRENT DERATING CURVE
5.0
4.0
2.0
0
RESISTIVEORINDUCTIVE LOAD
1.0
3.0
0
20406080
100
120
140
160
LEAD TEMPERATURE, C
O
=20-30V
=40-60V


유사한 부품 번호 - SD330YS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SD330YS PANJIT-SD330YS Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD330YS PANJIT-SD330YS Datasheet
42Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SD330YS-T3 WTE-SD330YS-T3 Datasheet
45Kb / 3P
   3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SD330YS

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com