전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC36256AML-70 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC36256AML-70
상세설명  256 K (32768 words x 8 bits) SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC36256AML-70 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC36256AML-70 Datasheet HTML 1Page - Sanyo Semicon Device LC36256AML-70 Datasheet HTML 2Page - Sanyo Semicon Device LC36256AML-70 Datasheet HTML 3Page - Sanyo Semicon Device LC36256AML-70 Datasheet HTML 4Page - Sanyo Semicon Device LC36256AML-70 Datasheet HTML 5Page - Sanyo Semicon Device LC36256AML-70 Datasheet HTML 6Page - Sanyo Semicon Device LC36256AML-70 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LC36256AL, AML-70/85/10/12
No. 4163-4/7
Input/Output Capacitance at Ta = 25°C, f = 1 MHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Input/output capacitance
CI/O
VI/O = 0V
8
pF
Input capacitance
CIN
VIN = 0V
6
pF
Note:
These parameters were obtained through sampling, and not full-lot measurement.
AC Electrical Characteristics at Ta = 0 to +70°C, VCC = 5 V ±10%
AC testing conditions
Input pulse voltage level
:
0.8 V, 2.2 V
Input rise and fall time
:
5 ns
Input - output timing level
:
1.5 V
Output load
:
1 TTL gate + CL = 100 pF (85 ns/100 ns/120 ns)
1 TTL gate + CL = 30 pF (70 ns)
(including scope and jig capacitance)
Read Cycle
Parameter
Symbol
LC36256AL, AML
-70
-85
-10
-12
Unit
min
max
min
max
min
max
min
max
Read cycle time
tRC
70
85
100
120
ns
Address access time
tAA
70
85
100
120
ns
CE access time
tCA
70
85
100
120
ns
OE access time
tOA
35
45
50
60
ns
Output hold time
tOH
20
20
20
20
ns
CE output enable time
tCOE
10
10
10
10
ns
OE output enable time tOOE
5
5
5
5
ns
OE output disable time tCOD
0
30
0
30
0
30
0
30
ns
OE output disable time tOOD
0
30
0
30
0
30
0
30
ns
Write Cycle
LC36256AL, AML
Parameter
-70
-85
-10
-12
Unit
min
max
min
max
min
max
min
max
Write cycle time
tWC
70
85
100
120
ns
Address valid to end of write tAW
65
75
80
100
ns
Address setup time
tAS
0
0
0
0
ns
Write pulse width
tWP
50
50
60
70
ns
CE setup time
tCW
65
75
80
100
ns
Write recovery time (WE) tWR
0
0
0
0
ns
Write recovery time (CE) tWR1
0
0
0
0
ns
Data setup time
tDS
30
30
35
40
ns
Data hold time
tDH
0
0
0
0
ns
WE output enable time tWOE
10
10
10
10
ns
WE output disable time tWOD
0
25
0
25
0
25
0
25
ns


유사한 부품 번호 - LC36256AML-70

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC36256AMLL-10W SANYO-LC36256AMLL-10W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-12W SANYO-LC36256AMLL-12W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-70W SANYO-LC36256AMLL-70W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-85W SANYO-LC36256AMLL-85W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results

유사한 설명 - LC36256AML-70

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com