전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YSF-322 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 YSF-322
상세설명  Wideband Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-322 데이터시트(HTML) 2 Page - Mini-Circuits

  YSF-322 Datasheet HTML 1Page - Mini-Circuits YSF-322 Datasheet HTML 2Page - Mini-Circuits YSF-322 Datasheet HTML 3Page - Mini-Circuits YSF-322 Datasheet HTML 4Page - Mini-Circuits YSF-322 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 2
Product Features
•Matched50-ohmsurfacemountamplifier
•Highgain,20dBtyp.at2GHz
•Upto+20dBmtyp.outputpowerat2GHz
•HighIP3,+35dBmat2GHz
•LowNoiseFigure,2.8dBtyp.at2GHz
•Highdirectivity,30dBisolation
•InternalInput&OutputDCBlock
•SeparateterminalforDC
0.9-3.2 GHz
YSF-322+
CASE STYLE: DL1020
PRICE: $2.85 ea. QTY. (20)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Typical Applications
•Cellular
•PortableWireless
•Receivers&transmitters
•Radar
•GSM
•WiMax
•Instrumentation
General Description
YSF-322+ is an advanced amplifier module in a Mini-Circuits System In Package
. This module is fully
matched to 50Ω in/out impedance and has built-in Input & Output DC block capacitors. It is enclosed in a
5 x 6 mm MCLP plastic package. The YSF-322+ uses E-PHEMT* technology enabling it to work with a
single positive supply voltage.
simplified schematic and pad description
Function
Pad
Number
Description
RF-IN
5
RF Input
RF-OUT
3
RF Output
DC
4
DC Supply
GND
Paddle
Connected to ground
NOTUSED
1,2,6,7,8
No internal connection
*Enhancement mode Pseudomorphic High Electron Mobility Transistor
Mini-Circuits System In Package
Wideband Amplifier
8
NC
7
NC
6
NC
5
RF IN
NC
1
NC
2
RF OUT
3
DC IN
4
PADDLE
RF IN
RF OUT
DC
REV. OR
M128712
YSF-322+
110203


유사한 부품 번호 - YSF-322

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
YSF-382 MINI-YSF-382 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-382++ MINI-YSF-382+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
More results

유사한 설명 - YSF-322

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
   Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
logo
Texas Instruments
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
NXP Semiconductors
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
NXP Semiconductors
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com