전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC36256AML-12 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC36256AML-12
상세설명  256 K (32768 words x 8 bits) SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC36256AML-12 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC36256AML-12 Datasheet HTML 1Page - Sanyo Semicon Device LC36256AML-12 Datasheet HTML 2Page - Sanyo Semicon Device LC36256AML-12 Datasheet HTML 3Page - Sanyo Semicon Device LC36256AML-12 Datasheet HTML 4Page - Sanyo Semicon Device LC36256AML-12 Datasheet HTML 5Page - Sanyo Semicon Device LC36256AML-12 Datasheet HTML 6Page - Sanyo Semicon Device LC36256AML-12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LC36256AL, AML-70/85/10/12
No. 4163-2/7
Pin Assignment
Block Diagram
Functions
Mode
CE
OE
WE
I/O
Supply current
Read cycle
L
L
H
Data output
ICCA
Write cycle
L
X
L
Data input
ICCA
Output disable
L
H
H
High impedance
ICCA
Nonselect
H
X
X
High impedance
ICCS
X : H or L
Pin Functions
A0 to A14
Address input
WE
Read/write control input
OE
Output enable input
CE
Chip enable input
I/O1 to I/O8
Data input/output
VCC, GND
Power supply pins


유사한 부품 번호 - LC36256AML-12

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC36256AMLL-10W SANYO-LC36256AMLL-10W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-12W SANYO-LC36256AMLL-12W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-70W SANYO-LC36256AMLL-70W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-85W SANYO-LC36256AMLL-85W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results

유사한 설명 - LC36256AML-12

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com