전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSND-1014N-119 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 SSND-1014N-119
상세설명  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SSND-1014N-119 데이터시트(HTML) 1 Page - Mini-Circuits

  SSND-1014N-119 Datasheet HTML 1Page - Mini-Circuits SSND-1014N-119 Datasheet HTML 2Page - Mini-Circuits SSND-1014N-119 Datasheet HTML 3Page - Mini-Circuits SSND-1014N-119 Datasheet HTML 4Page - Mini-Circuits SSND-1014N-119 Datasheet HTML 5Page - Mini-Circuits SSND-1014N-119 Datasheet HTML 6Page - Mini-Circuits SSND-1014N-119 Datasheet HTML 7Page - Mini-Circuits SSND-1014N-119 Datasheet HTML 8Page - Mini-Circuits SSND-1014N-119 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
SSND-1014N-119+
Frequency Synthesizer
Page 1 of 11
50Ω Dual Frequency 1000 and 1440 MHz (fixed)
The Big Deal
• Dual frequency
• Low phase noise and spurious
• Very small size 0.60" x 0.60" x 0.138"
CASE STYLE: KJ1373
Product Overview
The SSND-1014N-119+ is a Dual Frequency Synthesizer, designed to operate at two discrete,
single frequency synthesizers 1000 and 1440 MHz for GPS receiver application. The SSND-
1014N-119+ is packaged in a very small metal case (size of 0.60" x 0.60" x 0.138") to shield
against unwanted signals and noise.
Key Features
Feature
Advantages
Dual frequency
For saving in cost and system real estate.
Low phase noise and spurious
Low phase noise and spurious improve system EVM (Error Vector
Magnitude).
Very small size, 0.60" x 0.60" x 0.138"
The small size enables the SSND-1014N-119+ to be used in compact
designs.
Low current consumptions
Can be used in a portable system.


유사한 부품 번호 - SSND-1014N-119

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
SSN COOPER-SSN Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
Surge Components
SSN SURGE-SSN Datasheet
915Kb / 1P
   rohs compliance
logo
Mini-Circuits
SSN-1602FA MINI-SSN-1602FA Datasheet
892Kb / 13P
   Frequency Synthesizer
SSN-1602FA++ MINI-SSN-1602FA+ Datasheet
892Kb / 13P
   Frequency Synthesizer
SSN-1932A-119 MINI-SSN-1932A-119 Datasheet
884Kb / 13P
   Frequency Synthesizer
More results

유사한 설명 - SSND-1014N-119

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com