전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSN-3800A-119+ 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 SSN-3800A-119+
상세설명  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SSN-3800A-119+ 데이터시트(HTML) 2 Page - Mini-Circuits

  SSN-3800A-119+ Datasheet HTML 1Page - Mini-Circuits SSN-3800A-119+ Datasheet HTML 2Page - Mini-Circuits SSN-3800A-119+ Datasheet HTML 3Page - Mini-Circuits SSN-3800A-119+ Datasheet HTML 4Page - Mini-Circuits SSN-3800A-119+ Datasheet HTML 5Page - Mini-Circuits SSN-3800A-119+ Datasheet HTML 6Page - Mini-Circuits SSN-3800A-119+ Datasheet HTML 7Page - Mini-Circuits SSN-3800A-119+ Datasheet HTML 8Page - Mini-Circuits SSN-3800A-119+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
SSN-3800A-119+
Frequency Synthesizer
General Description
The SSN-3800A-119+ is a Frequency Synthesizer, designed to operate from 3600 to 3800 MHz for
WiMAX application. The SSN-3800A-119+ is packaged in a metal case (size of 0.60" x 0.60" x 0.138")
to shield against unwanted signals and noise. To enhance the robustness of SSN-3800A-119+, each
internal component is secured to the substrate with chip bonder, thereby eliminating the risk of tomb-
stoning during subsequent solder reflow operations by the customer.
Features
• Fractional N synthesizer
• Integrated VCO + PLL
• Low phase noise and spurious
• Robust design and construction
• Low operating voltage (VCC VCO=+4.85V, VCC PLL=+3.2V)
• Small size 0.60" x 0.60" x 0.138"
Applications
• WiMAX
REV. OR
M127606
EDR-10129F1F1
SSN-3800A-119+
Category-A1
RAV
100630
Page 2 of 13
50
3600 to 3800 MHz
Surface Mount
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Simplified Schematic
PLL
VCC PLL
REF In
LE DATA CLOCK LOCK DET
RF Out
RFinA
CP
VCC VCO
VCO
LOOP FILTER
VP
K�
Phase
Detector /
Charge Pump
GND
FREF
XTAL
SPLITTER
(External)
Vt
1/N
N COUNTER
1/R
R COUNTER
CASE STYLE: KJ1367
PRICE: $29.95 ea. QTY (1-9)


유사한 부품 번호 - SSN-3800A-119+

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-3132A-119++ MINI-SSN-3132A-119+ Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-3352A-119 MINI-SSN-3352A-119 Datasheet
899Kb / 13P
   Frequency Synthesizer
SSN-3352A-119++ MINI-SSN-3352A-119+ Datasheet
899Kb / 13P
   Frequency Synthesizer
SSN-3600A-119 MINI-SSN-3600A-119 Datasheet
898Kb / 13P
   Frequency Synthesizer
More results

유사한 설명 - SSN-3800A-119+

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com