전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSN-3600A-119 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 SSN-3600A-119
상세설명  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SSN-3600A-119 데이터시트(HTML) 1 Page - Mini-Circuits

  SSN-3600A-119 Datasheet HTML 1Page - Mini-Circuits SSN-3600A-119 Datasheet HTML 2Page - Mini-Circuits SSN-3600A-119 Datasheet HTML 3Page - Mini-Circuits SSN-3600A-119 Datasheet HTML 4Page - Mini-Circuits SSN-3600A-119 Datasheet HTML 5Page - Mini-Circuits SSN-3600A-119 Datasheet HTML 6Page - Mini-Circuits SSN-3600A-119 Datasheet HTML 7Page - Mini-Circuits SSN-3600A-119 Datasheet HTML 8Page - Mini-Circuits SSN-3600A-119 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
SSN-3600A-119+
Frequency Synthesizer
Page 1 of 13
50Ω
3400 to 3600 MHz
The Big Deal
• Fractional N synthesizer
• Low phase noise and spurious
• Robust design and construction
• Very small size 0.60" x 0.60" x 0.138"
Product Overview
The SSN-3600A-119+ is a Frequency Synthesizer, designed to operate from 3400 to 3600
MHz for WiMAX application. The SSN-3600A-119+ is packaged in a metal case (size of
0.60" x 0.60" x 0.138") to shield against unwanted signals and noise.
Key Features
Feature
Advantages
Low phase noise and spurious:
• Phase Noise: -93 dBc/Hz typ. @ 10 kHz offset
• Step Size Spurious: -83 dBc typ.
• Comparison Spurious: -98 dBc typ.
• Reference Spurious: -95 dBc typ.
Low phase noise and spurious improve system EVM (Error
Vector Magnitude).
Robust design and construction
To enhance the robustness of SSN-3600A-119+, each internal
component is secured to the substrate with chip bonder, thereby
eliminating the risk of tombstoning during subsequent solder reflow
operations by the customer.
Small size, 0.60" x 0.60" x 0.138"
The small size enables the SSN-3600A-119+ to be used in
compact designs.
CASE STYLE: KJ1367


유사한 부품 번호 - SSN-3600A-119

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-3132A-119++ MINI-SSN-3132A-119+ Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-3352A-119 MINI-SSN-3352A-119 Datasheet
899Kb / 13P
   Frequency Synthesizer
SSN-3352A-119++ MINI-SSN-3352A-119+ Datasheet
899Kb / 13P
   Frequency Synthesizer
SSN-3800A-119 MINI-SSN-3800A-119 Datasheet
901Kb / 13P
   Frequency Synthesizer
More results

유사한 설명 - SSN-3600A-119

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com