전자부품 데이터시트 검색엔진 |
|
SSN-3132A-119+ 데이터시트(PDF) 3 Page - Mini-Circuits |
|
SSN-3132A-119+ 데이터시트(HTML) 3 Page - Mini-Circuits |
3 / 13 page Page 3 of 13 SSN-3132A-119+ ® P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 o RoHS compliant IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp. The Design Engineers Search Engine finds the model you need, Instantly • For detailed performance specs & shopping online see TM Frequency Synthesizer Parameters Test Conditions Min. Typ. Max. Units Frequency Range - 2932 - 3132 MHz Step Size - - 250 - kHz Comparison Frequency - - 26 - MHz Settling Time Within ± 1 kHz - 9 - mSec Output Power - 0 +2.5 +6.0 dBm SSB Phase Noise @ 100 Hz offset - -74 - dBc/Hz @ 1 kHz offset - -88 -83 @ 10 kHz offset - -95 -90 @ 100 kHz offset - -119 -113 @ 1 MHz offset - -140 -134 Integrated SSB Phase Noise @1kHz to 10MHz - -50 - dBc Step Size Spurious Suppression Step Size 250 kHz - -94 -70 dBc 0.5 Step Size Spurious Suppression 0.5 Step Size 125 kHz - -84 -60 Reference Spurious Suppression Ref. Freq. 52 MHz - -83 -74 Comparison Spurious Suppression Comp. Freq. 26 MHz - -83 -75 Non - Harmonic Spurious Suppression - - -90 - Harmonic Suppression - - -27 -17 VCO Supply Voltage +4.85 +4.75 +4.85 +5.25 V PLL Supply Voltage +3.20 +3.10 +3.20 +3.30 VCO Supply Current - - 44 51 mA PLL Supply Current - - 16 24 Reference Input (External) Frequency 52 (square wave) - 52 - MHz Amplitude 1 - 1 - V P-P Input impedance - - 100 - KΩ Phase Noise @ 1 kHz offset - - -130 - dBc/Hz RF Output port Impedance - - 50 - Ω Input Logic Level Input high voltage - 2.65 - - V Input low voltage - - - 0.60 V Digital Lock Detect Locked - 2.70 - 3.70 V Unlocked - - - 0.40 V Frequency Synthesizer PLL - ADF4153 PLL Programming - 3-wire serial 3.2V CMOS Register Map @ 3132 MHz R0_Register - (MSB) 111100000000011000000 (LSB) R1_Register - (MSB) 101001000000110100001 (LSB) R2_Register - (MSB) 1111100010 (LSB) R3_Register - (MSB) 1111000111 (LSB) Electrical Specifications (over operating temperature -40°C to +85°C) Permanent damage may occur if any of these limits are exceeded Absolute Maximum Ratings Parameters Ratings VCO Supply Voltage 5.8V PLL Supply Voltage 4.0V VCO Supply Voltage to PLL Supply Voltage -0.3V to +5.8V Reference Frequency Voltage -0.3Vmin, VCC PLL +0.3Vmax Data, Clock, LE Levels -0.3Vmin, VCC PLL +0.3Vmax Operating Temperature -40°C to +85°C Storage Temperature -55°C to +100°C |
유사한 부품 번호 - SSN-3132A-119+ |
|
유사한 설명 - SSN-3132A-119+ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |