전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5739 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC5739
상세설명  4-Bit Microcontroller with LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5739 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC5739 Datasheet HTML 1Page - Sanyo Semicon Device LC5739 Datasheet HTML 2Page - Sanyo Semicon Device LC5739 Datasheet HTML 3Page - Sanyo Semicon Device LC5739 Datasheet HTML 4Page - Sanyo Semicon Device LC5739 Datasheet HTML 5Page - Sanyo Semicon Device LC5739 Datasheet HTML 6Page - Sanyo Semicon Device LC5739 Datasheet HTML 7Page - Sanyo Semicon Device LC5739 Datasheet HTML 8Page - Sanyo Semicon Device LC5739 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LC5739
No.6704-3/18
Pad assignment
Chip size (X
× Y)
: 2.63mm
× 2.89mm
Chip thickness
: 480
µm
Pad size
: 116
µm × 116µm
Note:
When a Lithium battery has been selected as the power supply, please note the following points.
There are two modes of use for the lithium battery: Backup mode and Normal mode (backup flag off). In backup
mode, the battery potential is applied directly to the oscillation circuit, whereas in Normal mode only half the
battery potential is applied.
Because of the different voltage applied to the oscillation circuit in each mode, there may be a difference in the
generated oscillation frequency. When entering backup mode a corresponding error will arise. If timing accuracy
is required (for clocks, etc), please bear in mind the above in the program design.
SEG3
SEG2
SEG1
COM2
TEST
OSCOUT
OSCIN
RES
S1
S2
32HZ
T3
CUP2
CUP1
COM1
SEG32
SEG31
ALM1
VDD2
VDD1
BAK
VSS
S4
S3
P10
P11
P12
P13
P00
P01
P02
P03
X
Y


유사한 부품 번호 - LC5739

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC573904 SANYO-LC573904 Datasheet
628Kb / 18P
   4-Bit Microcontroller with 4K-Byte ROM, 120 횞 4Bits RAM and LCD Driver
More results

유사한 설명 - LC5739

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
OKI electronic componet...
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
logo
OKI electronic componet...
MSM64172 OKI-MSM64172 Datasheet
189Kb / 29P
   4-Bit Microcontroller with Built-in Serial Port and LCD Driver
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com