전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5823 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LC5823
상세설명  4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5823 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LC5823 Datasheet HTML 3Page - Sanyo Semicon Device LC5823 Datasheet HTML 4Page - Sanyo Semicon Device LC5823 Datasheet HTML 5Page - Sanyo Semicon Device LC5823 Datasheet HTML 6Page - Sanyo Semicon Device LC5823 Datasheet HTML 7Page - Sanyo Semicon Device LC5823 Datasheet HTML 8Page - Sanyo Semicon Device LC5823 Datasheet HTML 9Page - Sanyo Semicon Device LC5823 Datasheet HTML 10Page - Sanyo Semicon Device LC5823 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
No. 5944-7/24
LC5824, LC5823, LC5822
Continued from preceding page.
Pin No.
Pin
I/O
Function
Options
Status at reset
32
33
34
35
SO1
SO2
SO3
SO4
I/O
I/O port
• Input pins used to acquire input data to RAM.
• Output pins used to output RAM data.
• Pull-down resistors are built in.
SO1 to SO3 are also used as the serial interface pins.
• The serial interface function can be selected under program
control.
• Pin functions:
SO1: Serial input
SO2: Serial output
SO3: Serial clock
The serial clock can be taken from either internal or external
sources, and can be set up to detect either rising or falling
edges under program control.
Identical to M1 through
M4
Identical to M1 through
M4
31
ALM
Output
Output-only pin
• A signal modulated by ø0, ø3, or ø4 can be output under
program control.
Low-level output
40
RES
Input
IC internal reset input
• The program counter is set to point to location 00H.
• The reset input level can be set to be either high or low.
• Either a pull-up or a pull-down resistor is built in.
Note: Applications must apply the reset signal level for at least
500 µs to effect a reset.
• Selection of a pull-up or
pull-down resistor
• Selection of active-low
or active-high reset
logic
44
64
1
21
Seg 22
Seg 21
Seg 22
Seg 42
Output
LCD panel drive outputs/general-purpose outputs
• LCD panel drive
(1) Static
(2) 1/2 bias 1/2 duty
(3) 1/2 bias 1/3 duty
(4) 1/2 bias 1/4 duty
(5) 1/3 bias 1/3 duty
(6) 1/3 bias 1/4 duty
One of items (1) through (5) is selected as a mask option.
• General-purpose output ports
(1) CMOS output
(2) p-channel open-drain output
(3) n-channel open-drain output
One of items (1) through (3) is selected as a mask option.
• The adoption of the segment PLA in these microcontrollers
means that there is no need for programs to control the
LCD/general-purpose output states of these pins.
• Output latch control is supported in the oscillator stopped
standby states and during a reset.
• Any combination of LCD and general-purpose output functions
may be used.
• Switching between LCD
drive output and
general-purpose output
• Switching between the
LCD drive type options
—Static
—1/2 bias
1/2 duty
—1/2 bias
1/3 duty
—1/2 bias
1/4 duty
—1/3 bias
1/3 duty
—1/3 bias
1/4 duty
• General-purpose output
type switching
—CMOS
—p-channel open-drain
—n-channel open-drain
• Standby mode output
latch control
• When used for LCD
drive:
—All lit
—All off
* Determined by the
master options
• When used as general-
purpose outputs:
—High level
—Low level
* Determined by the
master options
Note: When a
combination of LCD drive
and general-purpose
outputs is selected, these
pins will be either:
All lit/high-level output, or
All off/low-level output.
• During the reset period,
the LCD drive functions
as static drive.
65
66
79
80
COM1
COM2
COM3
COM4
Output
Common drive outputs for the LCD panel
The table below lists which pins are used in each of the drive
types.
However, note that the listed alternation frequencies are the
typical specifications when ø0 is 32.768 kHz.
41
TST
Input
Test input
• In the QIP-80 version, this pin must be connected to VSS.
• In the chip version, this pin must be left open or connected to
VSS.
TEST
TEST
Test pins.
(These are not used in the device user interface.)
Note: Note that the “!” symbol indicates that the corresponding
common pin cannot be used in that drive type.
* In products with the CF
specifications, the
alternation frequency
signal stops briefly.
Static
1/2 duty
1/3 duty
1/4/duty
COM1
q
q
q
q
q
q
q
q
COM2
!
q
q
q
q
q
q
COM3
!
!
q
q
q
q
COM4
!
!
!
q
q
Alternation
32 Hz
32 Hz
42.7 Hz
64 Hz
frequency


유사한 부품 번호 - LC5823

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
LC58 MICROSEMI-LC58 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC58 MICROSEMI-LC58 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC58 MICROSEMI-LC58 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC58 NJSEMI-LC58 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Sanyo Semicon Device
LC5805 SANYO-LC5805 Datasheet
881Kb / 32P
   SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVERS
More results

유사한 설명 - LC5823

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC5851N SANYO-LC5851N Datasheet
765Kb / 31P
   Small-Scale Control, Medium Speed Type, On-Chip LCD Driver 4-Bit Single Chip Microcomputer
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC587008 SANYO-LC587008 Datasheet
779Kb / 29P
   Single-Chip 4-Bit Microprocessors with LCD Drivers, 2Kb RAM, and 8,12,or 16 KB ROM on chip
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com