전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5822 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC5822
상세설명  4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5822 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC5822 Datasheet HTML 1Page - Sanyo Semicon Device LC5822 Datasheet HTML 2Page - Sanyo Semicon Device LC5822 Datasheet HTML 3Page - Sanyo Semicon Device LC5822 Datasheet HTML 4Page - Sanyo Semicon Device LC5822 Datasheet HTML 5Page - Sanyo Semicon Device LC5822 Datasheet HTML 6Page - Sanyo Semicon Device LC5822 Datasheet HTML 7Page - Sanyo Semicon Device LC5822 Datasheet HTML 8Page - Sanyo Semicon Device LC5822 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
System Block Diagram
No. 5944-5/24
LC5824, LC5823, LC5822
RAM: Data memory
ROM: Program memory
DP:
Data pointer register
BNK: Bank register
APG: RAM page flag
AC:
Accumulator
ALU: Arithmetic and logic unit
B:
B register
OPG: ROM page flag
PC:
Program counter
IR:
Instruction register
STS1:
Status register 1
STS2:
Status register 2
STS3:
Status register 3
STS4:
Status register 4
PLA:
Programmed logic array used for segment data and strobe functions
WAIT.C: Wait time counter
Accumulator
(AC) (4 bits)
Data I/O - D bus
Timer 1
Timer 2
Carrier control circuit
Interrupt control
Watchdog timer
LCD driver
Reset
circuit
Chronograph
circuit
Chronograph
control circuit
Switch-
ing
circuit
System clock
generator
Voltage step-
Serial I/O
B register
(4 bits)
OPG
(2 bits)
Program
counter
(13 bits)
Clock timer
(15 bits)
Alarm tone
generator
Segment decoder
strobe decoder
Table
reference
Crystal
oscillator
circuit
(32 kHz/65 kHz)
CF/RC oscillator
circuit
(400 kHz to
4 MHz)


유사한 부품 번호 - LC5822

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
LC58 MICROSEMI-LC58 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC58 MICROSEMI-LC58 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC58 MICROSEMI-LC58 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC58 NJSEMI-LC58 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Sanyo Semicon Device
LC5805 SANYO-LC5805 Datasheet
881Kb / 32P
   SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVERS
More results

유사한 설명 - LC5822

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC5851N SANYO-LC5851N Datasheet
765Kb / 31P
   Small-Scale Control, Medium Speed Type, On-Chip LCD Driver 4-Bit Single Chip Microcomputer
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC587008 SANYO-LC587008 Datasheet
779Kb / 29P
   Single-Chip 4-Bit Microprocessors with LCD Drivers, 2Kb RAM, and 8,12,or 16 KB ROM on chip
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com