전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18250HN 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TDA18250HN
상세설명  Cable Silicon Tuner Single 3.3 V power supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18250HN 데이터시트(HTML) 3 Page - NXP Semiconductors

  TDA18250HN Datasheet HTML 1Page - NXP Semiconductors TDA18250HN Datasheet HTML 2Page - NXP Semiconductors TDA18250HN Datasheet HTML 3Page - NXP Semiconductors TDA18250HN Datasheet HTML 4Page - NXP Semiconductors TDA18250HN Datasheet HTML 5Page - NXP Semiconductors TDA18250HN Datasheet HTML 6Page - NXP Semiconductors TDA18250HN Datasheet HTML 7Page - NXP Semiconductors TDA18250HN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TDA18250HN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 14 January 2011
3 of 8
NXP Semiconductors
TDA18250HN
Cable Silicon Tuner
5.
Block diagram
6.
Limiting values
[1]
It withstands class IV of JEDEC standard.
7.
Abbreviations
Fig 1.
Block diagram
001aam176
TDA18250HN
3
46
AGC1
AGC2
IF
SELECTIVITY
RF
SELECTIVITY
IF
AGC
22
AS
RF_IN
LT
IFO_P
IFO_N
VIFAGC
31
30
XTO_P
XTO_N
19
20
32
LEVEL
CONTROL
I2C-BUS
INTERFACE
mixer
35
SCL
36
SDA
CRYSTAL
OSCILLATOR
16
XTAL_P
17
XTAL_N
SYNTHESIZER
14
VTLO
15
CPLO
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+3.60
V
VI
input voltage
VCC < 3.3 V
−0.3
VCC + 0.3 V
VCC > 3.3 V
−0.3
+3.6
V
VESD
electrostatic discharge
voltage
EIA/JESD22-A114 (HBM)
2
-
kV
EIA/JESD22-C101-C (FCDM)
[1] 1.5
-
kV
Table 4.
Abbreviations
Acronym
Description
AGC
Automatic Gain Control
BOM
Bill Of Materials
FCDM
Field-induced Charged Device Model
HBM
Human Body Model
IC
Integrated Circuit
IF
Intermediate Frequency
JEDEC
Joint Electron Device Engineering Council
LIF
LOW IF


유사한 부품 번호 - TDA18250HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18250HN NXP-TDA18250HN Datasheet
183Kb / 8P
   Cable Silicon Tuner
Rev. 1-12 August 2010
TDA18250HN NXP-TDA18250HN Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
TDA18250HN/C1 NXP-TDA18250HN/C1 Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
TDA18250HN NXP-TDA18250HN_V01 Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
More results

유사한 설명 - TDA18250HN

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADCMP573 AD-ADCMP573 Datasheet
412Kb / 16P
   Ultrafast 3.3 V Single-Supply Comparators
Rev. PrB
logo
NXP Semiconductors
TDA18250HN NXP-TDA18250HN Datasheet
183Kb / 8P
   Cable Silicon Tuner
Rev. 1-12 August 2010
TDA18250AHN NXP-TDA18250AHN Datasheet
130Kb / 8P
   Cable silicon tuner
Rev. 1 ??10 July 2013
TDA18252HN NXP-TDA18252HN Datasheet
170Kb / 6P
   Cable Silicon Tuner
Rev. 3-16 August 2010
TDA18250HN NXP-TDA18250HN_V01 Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
TDA18250BHN NXP-TDA18250BHN Datasheet
121Kb / 8P
   Cable silicon tuner
Rev. 2 ??10 July 2013
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV4100 STMICROELECTRONICS-STV4100 Datasheet
172Kb / 7P
   Ultra-compact low-power 3.3-V terrestrial tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
logo
Analog Devices
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com