전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8218 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8218
상세설명  Zero Drift, Bidirectional Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8218 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8218 Datasheet HTML 3Page - Analog Devices AD8218 Datasheet HTML 4Page - Analog Devices AD8218 Datasheet HTML 5Page - Analog Devices AD8218 Datasheet HTML 6Page - Analog Devices AD8218 Datasheet HTML 7Page - Analog Devices AD8218 Datasheet HTML 8Page - Analog Devices AD8218 Datasheet HTML 9Page - Analog Devices AD8218 Datasheet HTML 10Page - Analog Devices AD8218 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8218
Rev. A | Page 7 of 16
200
250
300
350
400
450
500
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 9. Supply Current vs. Temperature (VS = 5 V, VCM = 12 V)
INPUT
OUTPUT
5mV/DIV
1µs/DIV
100mV/DIV
Figure 10. Rise Time (Differential Input = 10 mV)
INPUT
OUTPUT
100mV/DIV
2V/DIV
5µs/DIV
Figure 11. Rise Time (Differential Input = 200 mV)
INPUT
OUTPUT
5mV/DIV
100mV/DIV
1µs/DIV
Figure 12. Fall Time (Differential Input = 10 mV)
INPUT
OUTPUT
100mV/DIV
2V/DIV
5µs/DIV
Figure 13. Fall Time (Differential Input = 200 mV)
INPUT
OUTPUT
200mV/DIV
2V/DIV
5µs/DIV
Figure 14. Differential Overload Recovery, Rising


유사한 부품 번호 - AD8218

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8218BCPZ-RL AD-AD8218BCPZ-RL Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BCPZ-WP AD-AD8218BCPZ-WP Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BRMZ AD-AD8218BRMZ Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BRMZ-RL AD-AD8218BRMZ-RL Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
More results

유사한 설명 - AD8218

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA225 TI-INA225_15 Datasheet
1Mb / 33P
[Old version datasheet]   36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com