전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC662508A 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC662508A
상세설명  Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662508A 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC662508A Datasheet HTML 1Page - Sanyo Semicon Device LC662508A Datasheet HTML 2Page - Sanyo Semicon Device LC662508A Datasheet HTML 3Page - Sanyo Semicon Device LC662508A Datasheet HTML 4Page - Sanyo Semicon Device LC662508A Datasheet HTML 5Page - Sanyo Semicon Device LC662508A Datasheet HTML 6Page - Sanyo Semicon Device LC662508A Datasheet HTML 7Page - Sanyo Semicon Device LC662508A Datasheet HTML 8Page - Sanyo Semicon Device LC662508A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Ordering number : EN5997
O1698RM (OT) No. 5997-1/17
Overview
The LC662516A, LC662512A, and LC662508A are 4-bit
CMOS microcontrollers that integrate on a single chip all
the functions required in a special-purpose telephone
controller, including ROM, RAM, I/O ports, a serial
interface, a DTMF generator, timers, and interrupt
functions. These microcontrollers are available in a 64-pin
package.
Features and Functions
• On-chip ROM capacities of 8, 12, and 16 kilobytes, and
an on-chip RAM capacity of 512
× 4 bits.
• Fully supports the LC66000 Series common instruction
set (128 instructions).
• I/O ports: 58 pins
• DTMF generator
This microcontroller incorporates a circuit that can
generate two sine wave outputs, DTMF output, or a
melody output for software applications.
• 8-bit serial interface: Two-wire interface (16-bit data
length. Supports cascade connection.)
• Instruction cycle time: 0.95 to 10 µs (at 3.0 to 5.5 V)
• Powerful timer functions and prescalers
— Time limit timer, event counter, pulse width
measurement, and square wave output using a 12-bit
timer.
— Time limit timer, event counter, PWM output, and
square wave output using an 8-bit timer.
— Time base function using a 12-bit prescaler.
• Powerful interrupt system with 11 interrupt factors and 8
interrupt vector locations.
— External interrupts: 3 factors/3 vector locations
— Internal interrupts: 8 factors/5 vector locations
(Waveform output internal interrupts: 3 factors and 1
vector; shared with external expansion interrupts)
• Flexible I/O functions
Selectable options include 20mA drive outputs, inverter
circuits, pull-up and open drain circuits.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIP64S, QIP64E (QFP64E)
• Evaluation ICs: LC665099 (evaluation chip) +
EVA86K-ECB662500
LC66E2516(on-chip EPROM microcontroller)
LC662508A, 662512A, 662516A
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Four-Bit Single-Chip Microcontrollers
with 8, 12, and 16 KB of On-Chip ROM
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


유사한 부품 번호 - LC662508A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC662508A SANYO-LC662508A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662508A SANYO-LC662508A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

유사한 설명 - LC662508A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com