전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC66404A 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC66404A
상세설명  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66404A 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC66404A Datasheet HTML 1Page - Sanyo Semicon Device LC66404A Datasheet HTML 2Page - Sanyo Semicon Device LC66404A Datasheet HTML 3Page - Sanyo Semicon Device LC66404A Datasheet HTML 4Page - Sanyo Semicon Device LC66404A Datasheet HTML 5Page - Sanyo Semicon Device LC66404A Datasheet HTML 6Page - Sanyo Semicon Device LC66404A Datasheet HTML 7Page - Sanyo Semicon Device LC66404A Datasheet HTML 8Page - Sanyo Semicon Device LC66404A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
No. 5996-4/13
LC662104A, 662106A, 662108A
System Block Diagram
Differences between the LC663XX Series and the LC6621XX Series
Item
LC6630X Series
LC6635XB Series
LC6621XX Series
(Including the LC66599 evaluation chip)
System differences
65536 cycles
16384 cycles
16384 cycles
• Hardware wait time (number of
About 64 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
cycles) when hold mode is cleared
• Value of timer 0 after a reset
(Including the value after hold mode
Set to FF0.
Set to FFC.
Set to FFC.
is cleared)
• DTMF generator
None (Tools are handled with
None
Yes
external devices.)
• Inverter array
None (Tools are handled with
None
None
external devices.)
• SIO1
Yes
Yes
None
• Three-value inputs/comparator
Yes
Yes
None
inputs
• Three-state output from P31
None
None
Yes
and P32
• Using P0 to clear halt mode
In 4-bit groups
In 4-bit groups
Can be specified for each bit.
None for INT3, INT4, and INT5.
INT3, INT4, and INT5 can be used
• External extended interrupts
(Tools are handled with external
None for INT3, INT4, and INT5.
with the internal functions.
devices.)
Shared with INT2
• Other P53 functions
(Tools are handled with external
Shared with INT2
Shared with INT2
devices.)
Differences in main characteristics
• LC66304A/306A/308A
• 3.0 to 5.5 V/0.92 to 10 µs
• Operating power-supply voltage
4.0 to 6.0 V/0.92 to 10 µs
• LC6635XA
3.0 to 5.5 V/0.95 to 10 µs
and operating speed (cycle time)
• LC66E308/P308
2.2 to 5.5 V/3.92 to 10 µs
4.5 to 5.5 V/0.92 to 10 µs
3.0 to 5.5 V/1.96 to 10 µs
• Pull-up resistors
P0, P1, P4, and P5: about 3 to 10 k
P0, P1, P4, and P5: about 3 to 10 k
Ω P0, P1, P4, and P5: about 100 kΩ
• P2 to P6 and PC: 15V handling
• P2 to P6 and PC: 15V handling
P2 to P4, P51, and P53: 15V voltage
• Port voltage handling
• P0, P1, PD, PE: Normal voltage
• P0, P1, PD, PE: Normal voltage
handling Others: normal voltage
handling
handling
handling


유사한 부품 번호 - LC66404A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66404A SANYO-LC66404A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66404A SANYO-LC66404A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66404A SANYO-LC66404A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66404A SANYO-LC66404A Datasheet
415Kb / 17P
   4-bit Microcontroller with Built-in PROM????
LC66404A SANYO-LC66404A Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

유사한 설명 - LC66404A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com