전자부품 데이터시트 검색엔진 |
|
LC66406A 데이터시트(PDF) 1 Page - Sanyo Semicon Device |
|
LC66406A 데이터시트(HTML) 1 Page - Sanyo Semicon Device |
1 / 26 page 22897HA (OT) No. 5486-1/26 Preliminary LC66E2316 SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM CMOS LSI Overview The LC66E2316 is an on-chip EPROM version of the LC6623XX Series CMOS 4-bit single-chip micro- controllers. The LC66E2316 provides the same functions as the LC662316A, and is pin compatible with that product. Since the LC66E2316 is provided in a window package, it can be reprogrammed repeatedly and is thus optimal for program development. Features and Functions • On-chip EPROM capacity of 16 kilobytes, and an on- chip RAM capacity of 512 × 4 bits. • Fully supports the LC66000 Series common instruction set (128 instructions). • I/O ports: 36 pins • DTMF generator This microcontroller incorporates a circuit that can generate two sine wave outputs, DTMF output, or a melody output for software applications. • 8-bit serial interface: one circuit • Instruction cycle time: 0.95 to 10 µs (at 4.5 to 5.5 V) • Powerful timer functions and prescalers — Time limit timer, event counter, pulse width measurement, and square wave output using a 12-bit timer. — Time limit timer, event counter, PWM output, and square wave output using an 8-bit timer. — Time base function using a 12-bit prescaler. • Powerful interrupt system with 10 interrupt factors and 7 interrupt vector locations. — External interrupts: 3 factors/3 vector locations — Internal interrupts: 4 factors/4 vector locations (Waveform output internal interrupts: 3 factors and 1 vector; shared with external expansion interrupts) • Flexible I/O functions Selectable options include 20-mA drive outputs, inverter circuits, pull-up and open-drain circuits. • Optional runaway detection function (watchdog timer) • 8-bit I/O functions • Power saving functions using halt and hold modes. • Packages: DIC42S (window), QFC48 (window) • Evaluation LSIs: LC66599 (evaluation chip) + EVA800/850 - TB662YXX2 Package Dimensions unit: mm 3127-DIC42S 0.46 37.32 0.8 1.778 21 1 22 42 SANYO: DIC42S [LC66E2316] unit: mm 3157-QFC48 20.0 14.0 3.0 0.35 1.0 1 12 13 24 25 36 37 48 1.5 0.15 2.2 4.2 4.77max SANYO: QFC48 [LC66E2316] No. 5486 |
유사한 부품 번호 - LC66406A |
|
유사한 설명 - LC66406A |